Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N35S-TA1 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

No. de pieza 4N35S-TA1
Descripción Electrónicos  Photocoupler Product Data Sheet
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITEON [Lite-On Technology Corporation]
Página de inicio  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

4N35S-TA1 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button 4N35S-TA1 Datasheet HTML 3Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 4Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 5Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 6Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 7Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 8Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 9Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 10Page - Lite-On Technology Corporation 4N35S-TA1 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
ABSOLUTE MAXIMUM RATING
( Ta = 25C )
PARAMETER
SYMBOL
RATING
UNIT
INPUT
Forward Current
IF
60
mA
Reverse Voltage
VR
6
V
Power Dissipation
P
100
mW
OUTPUT
Collector - Emitter Voltage
VCEO
30
V
Emitter - Collector Voltage
VECO
7
V
Collector - Base Voltage
VCBO
70
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC
300
mW
Total Power Dissipation
Ptot
350
mW
*1
Isolation Voltage
4N35 series
Viso
3550
Vrms
4N37 series
1500
Operating Temperature
Topr
-55 ~ +100
C
Storage Temperature
Tstg
-55 ~ +150
C
*2
Soldering Temperature
Tsol
260
C
*1. AC For 1 Minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1) Short between anode and cathode on the primary side and between collector,
emitter and base on the secondary side.
(2) The isolation voltage tester with zero-cross circuit shall be used.
(3) The waveform of applied voltage shall be a sine wave.
*2. For 10 Seconds
Part No. : 4N35 / 4N37 ( M, S, S-TA1 ) (Rev.- October 17 2011)
Page :
6 of 11
BNS-OD-C131/A4


Número de pieza similar - 4N35S-TA1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
4N35S-M FAIRCHILD-4N35S-M Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Descripción similar - 4N35S-TA1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
LTV-824 LITEON-LTV-824 Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
logo
Everlight Electronics C...
EL817L EVERLIGHT-EL817L Datasheet
354Kb / 12P
   Technical Data Sheet Photocoupler
logo
List of Unclassifed Man...
EL815 ETC-EL815 Datasheet
373Kb / 11P
   Technical Data Sheet Photocoupler
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
   Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com