Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-NG0x Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-NG0x
Descripción Electrónicos  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NG0x Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-NG0x Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG0x Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
1
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
-90
0.1
0.3
0.4
-80 -70 -60 -50 -40
-20 -10
0
-30
10 20 30 40 50 60
70 80 90
0.9
1
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
-90
0.1
0.3
0.4
-80 -70 -60 -50 -40
-20 -10
0
-30
10 20 30 40 50 60
70 80 90
0.9
Figure 5. Representative spatial radiation pattern for 45° viewing angle.
Figure 6. Representative spatial radiation pattern for 60° viewing angle.


Número de pieza similar - HLMP-NG0x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
More results

Descripción similar - HLMP-NG0x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com