Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Q152-G00xx Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza Q152-G00xx
Descripción Electrónicos  Ideal for space limited applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

Q152-G00xx Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  Q152-G00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED Q152-G00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Optical Characteristics at TA = 25°C
Luminous Intensity
Total Flux
Peak
Color, Dominant
Viewing Angle
Luminous
Part Number
IV (mcd)
V (mlm)
Wavelength
Wavelength
2
½
Efficacy
(Low Current)
@ 0.5 mA[1]
@ 0.5 mA[2]
peak(nm)
d[3] (nm)
Degrees[4]
v[5]
HLMP-
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
(lm/w)
Q156-H00xx
2.5
7
10.5
654
644
15
85
Q152-G00xx
1.6
2
-
654
644
35
85
P156-EG0xx
0.63
2
10.5
654
644
75
85
Notes:
1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
2.
v is the total luminous flux output as measured with an integrating sphere.
3. The dominant wavelength,
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
4.
1/2 is the off-axis angle where the liminous intensity is 1/2 the peak intensity.
5. Radiant intensity, Iv, in watts/steradian, may be calculated from the equation Iv = Iv/
v, where Iv is the luminous intensity in candelas and v is the
luminous efficacy in lumens/watt.
Optical Characteristics at TA = 25°C
Luminous Intensity
Total Flux
Peak
Color, Dominant
Viewing Angle
Luminous
IV (mcd)
V (mlm)
Wavelength
Wavelength
2
½
Efficacy
Part Number
@ 20 mA[1]
@ 20 mA[2]
peak(nm)
d[3] (nm)
Degrees[4]
v[5]
HLMP-
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
(lm/w)
Q106-R00xx
100
400
280
654
644
15
85
Q102-N00xx
25
100
-
654
644
35
85
P106-Q00xx
63
130
280
654
644
75
85
Absolute Maximum Ratings at TA = 25°C
Parameters
Title
DC Forward Current [1]
50 mA
Peak Forward Current [2]
300 mA
Average Forward Current [2,3]
30 mA
Transient Forward Current (10
s Pulse) [4]
500 mA
Power Dissipation
100 mW
Reverse Voltage
5 V
Junction Temperature
110°C
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C
Lead Soldering Temperature
260°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Reflow Soldering Temperature
260°C for 20 seconds
Notes:
1. Derate linearly as shown in Figure 6.
2. Refer to Figure 7 to establish pulsed operating conditions.
3. Maximum IAVG at f = 1 kHz, DF = 10%.
4. The transient peak current is the maximum non-recurring peak current the device can withstand
without damaging the LED die and wire bonds. It is not recommended that the device be
operated at peak currents above the Absolute Maximum Peak Forward Current.


Número de pieza similar - Q152-G00xx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
Q15 XPPOWER-Q15 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Powerbox
Q15-5 POWERBOX-Q15-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Jauch Quartz Gmbh
Q15.0-MQ1-10-10 JAUCH-Q15.0-MQ1-10-10 Datasheet
96Kb / 2P
   Quartz Crystal
Q15.0-MQ1-10-100 JAUCH-Q15.0-MQ1-10-100 Datasheet
96Kb / 2P
   Quartz Crystal
Q15.0-MQ1-10-3 JAUCH-Q15.0-MQ1-10-3 Datasheet
96Kb / 2P
   Quartz Crystal
More results

Descripción similar - Q152-G00xx

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
   1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com