Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-AG71 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-AG71
Descripción Electrónicos  5 mm Mini Oval Red and Amber LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AG71 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AG71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AG71 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Precautions:
Lead Forming:
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering on PC board.
• For better control, it is recommended to use proper
tool to precisely form and cut the leads to applicable
length rather than doing it manually.
• If manual lead cutting is necessary, cut the leads after
the soldering process. The solder connection forms a
mechanical ground which prevents mechanical stress
due to lead cutting from traveling into LED package.
This is highly recommended for hand solder operation,
as the excess lead length also acts as small heat sink.
Soldering and Handling:
• Care must be taken during PCB assembly and soldering
process to prevent damage to the LED component.
• LED component may be effectively hand soldered
to PCB. However, it is only recommended under
unavoidable circumstances such as rework. The closest
manual soldering distance of the soldering heat source
(soldering iron’s tip) to the body is 1.59mm. Soldering
the LED using soldering iron tip closer than 1.59mm
might damage the LED.
1.59 mm
• ESD precaution must be properly applied on the
soldering station and personnel to prevent ESD
damage to the LED component that is ESD sensitive.
Do refer to Avago application note AN 1142 for details.
The soldering iron used should have grounded tip to
ensure electrostatic charge is properly grounded.
• Recommended soldering condition:
Wave Soldering
[1, 2]
Manual Solder
Dipping
Pre-heat temperature
105 °C Max.
-
Preheat time
60 sec Max
-
Peak temperature
260 °C Max.
260 °C Max.
Dwell time
5 sec Max.
5 sec Max
Note:
1) Above conditions refers to measurement with thermocouple
mounted at the bottom of PCB.
2) It is recommended to use only bottom preheaters in order to reduce
thermal stress experienced by LED.
• Wave soldering parameters must be set and maintained
according to the recommended temperature and dwell
time. Customer is advised to perform daily check on the
soldering profile to ensure that it is always conforming
to recommended soldering conditions.
Anode
InGaN Device
Note:
1. PCB with different size and design (component density) will have
different heat mass (heat capacity). This might cause a change in
temperature experienced by the board if same wave soldering
setting is used. So, it is recommended to re-calibrate the soldering
profile again before loading a new type of PCB.
2. Avago Technologies’ high brightness LED are using high efficiency
LED die with single wire bond as shown below. Customer is advised
to take extra precaution during wave soldering to ensure that the
maximum wave temperature does not exceed 260°C and the solder
contact time does not exceeding 5sec. Over-stressing the LED during
soldering process might cause premature failure to the LED due to
delamination.
Avago Technologies LED Configuration
Note: Electrical connection between bottom surface of LED die and
the lead frame is achieved through conductive paste.
• Any alignment fixture that is being applied during
wave soldering should be loosely fitted and should
not apply weight or force on LED. Non metal material
is recommended as it will absorb less heat during wave
soldering process.
Note: In order to further assist customer in designing jig accurately
that fit Avago Technologies’ product, 3D model of the product is
available upon request.
• At elevated temperature, LED is more susceptible to
mechanical stress. Therefore, PCB must allowed to cool
down to room temperature prior to handling, which
includes removal of alignment fixture or pallet.
• If PCB board contains both through hole (TH) LED and
other surface mount components, it is recommended
that surface mount components be soldered on the
top side of the PCB. If surface mount need to be on the
bottom side, these components should be soldered
using reflow soldering prior to insertion the TH LED.
• Recommended PC board plated through holes (PTH)
size for LED component leads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.45 x 0.45 mm
(0.018x 0.018 inch)
0.636 mm
(0.025 inch)
0.98 to 1.08 mm
(0.039 to 0.043 inch)
0.50 x 0.50 mm
(0.020x 0.020 inch)
0.707 mm
(0.028 inch)
1.05 to 1.15 mm
(0.041 to 0.045 inch)
• Over-sizing the PTH can lead to twisted LED after
clinching. On the other hand under sizing the PTH can
cause difficulty inserting the TH LED.


Número de pieza similar - HLMP-AG71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
HLMP-AG75 AVAGO-HLMP-AG75 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
More results

Descripción similar - HLMP-AG71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com