Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-LB65 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-LB65 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
3 / 10 page 3 Absolute Maximum Ratings TJ = 25°C Parameter Green/ Blue Unit DC Forward Current [1] 30 mA Peak Forward Current 100 [2] mA Power Dissipation 114 mW Reverse Voltage 5 (IR =10μA) V LED Junction Temperature 110 °C Operating Temperature Range -40 to +85 °C Storage Temperature Range -40 to +100 °C Notes: 1. Derate linearly as shown in Figure 2. 2. Duty Factor 10%, frequency 1KHz. Electrical / Optical Characteristics TJ = 25°C Parameter Symbol Min. Typ. Max. Units Test Conditions Forward Voltage Green Blue VF 2.8 2.8 3.2 3.2 3.8 3.8 VIF = 20 mA Reverse Voltage Green Blue VR 5 5 VIR = 10 μA Dominant Wavelength [1] Green Blue Od 520 460 525 470 540 480 nm IF = 20 mA Peak Wavelength Green Blue OPEAK 516 464 nm Peak of Wavelength of Spectral Distribution at IF = 20 mA Thermal Resistance R TJ-PIN 240 °C/W LED Junction-to-Cathode lead Luminous Efficacy [2] Green Blue KV 530 65 lm/W Emitted Luminous Power/Emitted Radiant Power Luminous Efficiency [3] Green Blue Ke 60 13 Luminous Flux/ Electrical Power IF = 20 mA Notes: 1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp 2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/ KV where IV is the luminous intensity in candelas and KV is the luminous efficacy in lumens/watt. 3. ηe = φV / IF x VF, where φV is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage. |
Número de pieza similar - HLMP-LB65 |
|
Descripción similar - HLMP-LB65 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |