Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-LB75 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-LB75
Descripción Electrónicos  Red, Green and Blue 4 mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB75 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LB75 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB75 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Caution: InGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
HLMP-LG75, HLMP-LM75, HLMP-LB75
Red, Green and Blue
4 mm Standard Oval LEDs
Data Sheet
Description
These Precision Optical Performance Oval LEDs are spe-
cifically designed for billboard sign application. The oval
shaped radiation pattern with optimal viewing angle
and enhance high luminous intensity ensure that these
devices are excellent for this outdoor applications. The
package epoxy contains UV inhibitor to reduce the
effects of long term exposure to direct sunlight.
Applications
x Billboard Sign
x Full Color Signs
Features
x Well defined spatial radiation pattern
x High brightness material
x Available in red, green and blue color
– Red AlInGaP 626 nm
– Green InGaN 530 nm
– Blue InGaN 470 nm
x Superior resistance to moisture
x Standoff Package
x Tinted and diffused
x Typical viewing angle 40° x 100°
Package Dimensions
Notes:
All dimensions in millimeters (inches).
Tolerance is ± 0.20 mm unless other specified
7.26 ± 0.20
0.286 ± 0.008
10.00 ± 0.50
0.394 ± 0.020
3.80 ± 0.20
0.1496 ± 0.008
1.25 ± 0.20
0.049 ± 0.008
Sq Typ.
2.54 ± 0.30
0.100 ± 0.012
1.0
0.039
3.00 ± 0.20
0.118 ± 0.008
MIN.
0.80
0.031
MAX. EPOXY MENISCUS
CATHODE LEAD
21.0
0.827
MIN.
NOTE:
1. MEASURED AT BASE OF LENS.
0.50 ± 0.10
0.020 ± 0.004


Número de pieza similar - HLMP-LB75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB71 AVAGO-HLMP-LB71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
More results

Descripción similar - HLMP-LB75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com