Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL602-024M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

No. de pieza TL602-024M
Descripción Electrónicos  TCXO Specification Models TL602 and TVL602
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONNOR-WINFIELD [Connor-Winfield Corporation]
Página de inicio  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TL602-024M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  TL602-024M Datasheet HTML 1Page - Connor-Winfield Corporation TL602-024M Datasheet HTML 2Page - Connor-Winfield Corporation TL602-024M Datasheet HTML 3Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications subject to change without notification. See Connor-Winfield's website for latest revision. All dimensions in inches.
© Copyright 2015 The Connor-Winfield Corporation Not intended for life support applications.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
0.276 ±0.006
(7.0mm)
0.197
(5.0mm)
0.095
(2.4mm)
TL602 1438
24.576 MHz
±0.006
TL602 Suggested Pad Layout
Output Waveform
Pad
Connection
1:DoNotConnect
2:DoNotConnect
3:DoNotConnect
4:Ground
5:Output
6:DoNotConnect
7:DoNotConnect
8:Tri-StateEnable/Disable
9:SupplyVoltageVcc
10:N/C
TL602 Pad Connections
Solder Profile
120°C
150°C
180°C
260°C
0
220°C
Up to 120 s
Typical
10 s
60 to 90 s
Typical
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
120°C
150°C
180°C
260°C
0
220°C
Up to 120 s
Typical
10 s
60 to 90 s
Typical
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
TL602-020.0M Package Layout
1V/Div
0.276 0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
TL602 1438
20.0 MHZ
0.025(6 Places)
(0.635mm)
0.100
(2.54mm)
0.040
(1.02mm)
(6 Places)
0.030
(0.762mm)
(4 Places)
0.100
(2.54mm)
Pin 1
0.038
(0.965mm)
(4 Places)
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)
1
2
3
4
5
6
7
8
9
10
Bottom
View
0.215
(5.46mm)
0.037
(0.94mm)
0.051
(1.28mm)
0.051
(1.28mm)
0.295
(7.49mm)
0.030
(0.76mm)
Keep Out Area
Top View
1
10
9
5
4
8
2
3
6
7
* Do not route any traces in the keep out area.
It is recommended the next layer under the
keep out area is to be ground plane.
Bulletin
Tx414
Page
2 of 3
Revision
02
Date
19 March 2015
0.276 ±0.006
(7.0mm)
0.197
(5.0mm)
0.095
(2.4mm)
TL602 1438
24.576 MHz
±0.006
TL602-024.576M Package Layout
TVL602 Suggested Pad Layout
TVL602-020.0M Package Layout
TVL602-024.576M Package Layout
TVL602
Pad Connections
Pad
Connection
1:
N/C
2:
Ground
3:
Output
4:
SupplyVoltageVcc
0.276 ±0.006
(7.0mm)
0.197
(5.0mm)
0.095
(2.4mm)
TL602 1438
24.576 MHz
±0.006
0.276 ±0.006
(7.0mm)
0.197
(5.0mm)
0.095
(2.4mm)
TVL602 1511
24.576 MHz
±0.006
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)
0.276 0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
0.03
(0. mm)
4
90
(4 Places)
0.0
(
mm)
55
1.40
(4 Places)
Pad 1
1
2
3
4
(Bottom View)
(Top View)
TVL602 1511
20.0 MHZ
(Top View)
1
2
3
4
0.165
(4.2mm)
0.224
(5.7mm)
0.047
(1.2mm)
4 Places
0.071
(1.8mm)
4 Places
Keep
Out *
Area
* Do not route any traces in the keep out area. It is
recommended the next layer under the keep out
area is to be ground plane.


Número de pieza similar - TL602-024M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
TL602-TVL602 CONNOR-WINFIELD-TL602-TVL602 Datasheet
392Kb / 3P
   LVCMOS Output
More results

Descripción similar - TL602-024M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Connor-Winfield Corpora...
DOT050F-012M CONNOR-WINFIELD-DOT050F-012M Datasheet
464Kb / 4P
   Precision TCXO / VCTCXO Models DOT050F / DOT050V
logo
IQD Frequency Products ...
E3179LF IQD-E3179LF Datasheet
956Kb / 2P
   TCXO Specification
IQXT-260 IQD-IQXT-260 Datasheet
317Kb / 4P
   TCXO Specification
IQXT-315 IQD-IQXT-315 Datasheet
430Kb / 2P
   TCXO Specification
IQXT-140-3.3V IQD-IQXT-140-3.3V Datasheet
1Mb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
LFTCXO070898 IQD-LFTCXO070898 Datasheet
246Kb / 2P
   TCXO Specification
LFTCXO075796 IQD-LFTCXO075796 Datasheet
140Kb / 2P
   TCXO Specification
LFTCXO079058 IQD-LFTCXO079058 Datasheet
117Kb / 1P
   TCXO Specification
V1.0020
LFTCXO063784 IQD-LFTCXO063784_V01 Datasheet
497Kb / 2P
   TCXO Specification
V1.0018
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com