Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ440A Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza SMAJ440A
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ440A Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ440A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ440A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ440A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ440A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ440A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ440A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMAJ5.0--SMAJ440CA
Document Number: SMA601AE
www.gmicroelec.com
4
Type
Device
marking
code
Dynamic
VWM
IRM
IPPM
VC
UNI
BI
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
v
SMAJ85
ARU
AZU
94.4
115
1.0
85
5.0
2.0
151
SMAJ85A
ARV
AZV
94.4
104
1.0
85
5.0
2.2
137
SMAJ90A
ARX
AZX
100
111
1.0
90
5.0
2.1
146
SMAJ100
ARY
AZY
111
136
1.0
100
5.0
1.7
179
SMAJ100A
ARZ
AZZ
111
123
1.0
100
5.0
1.9
162
SMAJ110
ASD
AVD
122
149
1.0
110
5.0
1.5
196
SMAJ110A
ASE
AVE
122
135
1.0
110
5.0
1.7
177
SMAJ120
ASF
AVF
133
163
1.0
120
5.0
1.4
214
SMAJ120A
ASG
AVG
133
147
1.0
120
5.0
1.6
193
SMAJ130
ASH
AVH
144
176
1.0
130
5.0
1.3
231
SMAJ130A
ASK
AVK
144
159
1.0
130
5.0
1.4
209
SMAJ150
ASL
AVL
167
204
1.0
150
5.0
1.1
268
SMAJ150A
ASM
AVM
167
185
1.0
150
5.0
1.2
243
SMAJ160
ASN
AVN
178
218
1.0
160
5.0
1.0
287
SMAJ160A
ASP
AVP
178
197
1.0
160
5.0
1.2
259
SMAJ170
ASQ
AVQ
189
231
1.0
170
5.0
1.0
304
SMAJ170A
ASR
AVR
189
209
1.0
170
5.0
1.1
275
SMAJ180
ATW
AUW
200
245
1.0
180
5.0
1.2
321
SMAJ180A
ATX
AUX
200
221
1.0
180
5.0
1.4
291
SMAJ188
AST
AVT
209
255
1.0
188
5.0
0.9
344
SMAJ188A
ASS
AVS
209
231
1.0
188
5.0
0.9
328
SMAJ200
ASU
AVU
222
272
1.0
200
5.0
1.1
356
SMAJ200A
ASV
AVV
222
246
1.0
200
5.0
1.2
323
SMAJ220
ASW
AVW
245
299
1.0
220
5.0
1.0
392
SMAJ220A
ASX
AVX
245
270
1.0
220
5.0
1.0
355
SMAJ240
ASY
AVY
267
326
1.0
240
5.0
0.9
428
SMAJ240A
ASZ
AVZ
267
295
1.0
240
5.0
1.0
388
SMAJ250
ATS
AXS
278
340
1.0
250
5.0
0.9
446
SMAJ250A
ATT
AXT
278
307
1.0
250
5.0
1.0
404
SMAJ300
ATF
AXF
333
408
1.0
300
5.0
0.7
535
SMAJ300A
ATG
AXG
333
368
1.0
300
5.0
0.8
485
SMAJ350
ATQ
AXQ
389
476
1.0
350
5.0
0.6
624
SMAJ350A
ATR
AXR
389
430
1.0
350
5.0
0.7
565
SMAJ360
ATH
AXH
400
489
1.0
360
5.0
0.6
642
SMAJ360A
ATK
AXK
400
442
1.0
360
5.0
0.7
582
SMAJ400
ATL
AXL
445
544
1.0
400
5.0
0.6
713
SMAJ400A
ATM
AXM
445
491
1.0
400
5.0
0.6
646
SMAJ440
ATN
AXN
489
598
1.0
440
5.0
0.5
784
SMAJ440A
ATP
AXP
489
540
1.0
440
5.0
0.6
711


Número de pieza similar - SMAJ440A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Socay Electornics Co., ...
SMAJ440A SOCAY-SMAJ440A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ440A LITTELFUSE-SMAJ440A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shanghai Yint Electroni...
SMAJ440A YINT-SMAJ440A Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
StarHope
SMAJ440A SPSEMI-SMAJ440A Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Formosa MS
SMAJ440A FORMOSA-SMAJ440A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Descripción similar - SMAJ440A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com