Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VS-30WQ06FN-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza VS-30WQ06FN-M3
Descripción Electrónicos  Small foot print, surface mountable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30WQ06FN-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-30WQ06FN-M3 Datasheet HTML 1Page - Vishay Siliconix VS-30WQ06FN-M3 Datasheet HTML 2Page - Vishay Siliconix VS-30WQ06FN-M3 Datasheet HTML 3Page - Vishay Siliconix VS-30WQ06FN-M3 Datasheet HTML 4Page - Vishay Siliconix VS-30WQ06FN-M3 Datasheet HTML 5Page - Vishay Siliconix VS-30WQ06FN-M3 Datasheet HTML 6Page - Vishay Siliconix VS-30WQ06FN-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 24-Jun-16
1
Document Number: 95627
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
D-PAK (TO-252AA) “M”
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension uncontrolled in L5
(3) Dimension D1, E1, L3 and b3 establish a minimum mounting surface for thermal pad
(4) Section C - C dimension apply to the flat section of the lead between 0.13 and 0.25 mm (0.005 and 0.10") from the lead tip
(5) Dimension D, and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(6) Dimension b1 and c1 applied to base metal only
(7) Datum A and B to be determined at datum plane H
(8) Outline conforms to JEDEC® outline TO-252AA
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.39
0.086
0.094
e
2.29 BSC
0.090 BSC
A1
-
0.13
-
0.005
H
9.40
10.41
0.370
0.410
b
0.64
0.89
0.025
0.035
L
1.40
1.78
0.055
0.070
b2
0.76
1.14
0.030
0.045
L1
2.74 BSC
0.108 REF.
b3
4.95
5.46
0.195
0.215
3
L2
0.51 BSC
0.020 BSC
c
0.46
0.61
0.018
0.024
L3
0.89
1.27
0.035
0.050
3
c2
0.46
0.89
0.018
0.035
L4
-
1.02
-
0.040
D
5.97
6.22
0.235
0.245
5
L5
1.14
1.52
0.045
0.060
2
D1
5.21
-
0.205
-
3
Ø
10°
10°
E
6.35
6.73
0.250
0.265
5
Ø1
15°
15°
E1
4.32
-
0.170
-
3
Ø2
25°
35°
25°
35°
Ø 1
E
(5)
b3
(3)
0.010
CA B
L3 (3)
B
A
C
H
C
L2
D (5)
L4
b
2x e
b2
(2) L5
1
2
3
4
Ø 2
A
c2
A
A
H
Seating
plane
c
Detail “C”
(7)
Seating
plane
A1
Detail “C”
Rotated 90 °CW
Scale: 20:1
(L1)
C
C
L
Ø
Gauge
plane
Lead tip
M
0.010
CA B
M
32
4
1
E1
D1
MIN.
0.265
(6.74)
MIN.
0.245
(6.23)
MIN.
0.089
(2.28)
MIN.
0.06
(1.524)
0.488 (12.40)
0.409 (10.40)
0.093 (2.38)
0.085 (2.18)
Pad layout


Número de pieza similar - VS-30WQ06FN-M3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-30WQ06FNHM3 VISHAY-VS-30WQ06FNHM3 Datasheet
112Kb / 6P
   High Performance Schottky Rectifier, 3.5 A
Revision: 03-May-16
VS-30WQ06FNHM3 VISHAY-VS-30WQ06FNHM3 Datasheet
138Kb / 7P
   High Performance Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ06FNHM3 VISHAY-VS-30WQ06FNHM3_V01 Datasheet
138Kb / 7P
   High Performance Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ06FNPBF VISHAY-VS-30WQ06FNPBF Datasheet
136Kb / 8P
   Schottky Rectifier
Revision: 14-Jan-11
VS-30WQ06FNPBF VISHAY-VS-30WQ06FNPBF Datasheet
116Kb / 7P
   High Performance Schottky Rectifier, 3.5 A
08-Feb-17
More results

Descripción similar - VS-30WQ06FN-M3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-30WQ10FN-M3 VISHAY-VS-30WQ10FN-M3 Datasheet
150Kb / 7P
   Small foot print, surface mountable
Revision: 22-Nov-16
VS-30BQ015HM3 VISHAY-VS-30BQ015HM3 Datasheet
136Kb / 7P
   Small foot print, surface mountable
Revision: 17-Dec-14
VS-30BQ100-M3 VISHAY-VS-30BQ100-M3 Datasheet
98Kb / 6P
   Small foot print, surface mountable
Revision: 13-Sep-10
VS-30BQ100TRPBF VISHAY-VS-30BQ100TRPBF Datasheet
111Kb / 7P
   Small foot print, surface mountable
Revision: 04-Mar-10
VS-20MQ100HM3 VISHAY-VS-20MQ100HM3 Datasheet
127Kb / 6P
   Small foot print, surface mountable
Revision: 17-Dec-14
VS-30BQ100HM3 VISHAY-VS-30BQ100HM3 Datasheet
139Kb / 7P
   Small foot print, surface mountable
Revision: 17-Dec-14
VS-30BQ060HM3 VISHAY-VS-30BQ060HM3 Datasheet
136Kb / 7P
   Small foot print, surface mountable
Revision: 17-Dec-14
VS-30WQ04FN-M3 VISHAY-VS-30WQ04FN-M3 Datasheet
139Kb / 7P
   Small foot print, surface mountable
Revision: 22-Nov-16
VS-20MQ060NPBF VISHAY-VS-20MQ060NPBF Datasheet
125Kb / 6P
   Small foot print, surface mountable
Revision: 16-Feb-15
VS-30BQ040HM3 VISHAY-VS-30BQ040HM3 Datasheet
131Kb / 7P
   Small foot print, surface mountable
Revision: 18-Nov-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com