Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VS-300U Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza VS-300U
Descripción Electrónicos  Popular series for rough service
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-300U Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-300U Datasheet HTML 1Page - Vishay Siliconix VS-300U Datasheet HTML 2Page - Vishay Siliconix VS-300U Datasheet HTML 3Page - Vishay Siliconix VS-300U Datasheet HTML 4Page - Vishay Siliconix VS-300U Datasheet HTML 5Page - Vishay Siliconix VS-300U Datasheet HTML 6Page - Vishay Siliconix VS-300U Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 15-Mar-17
1
Document Number: 95340
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DO-9 (DO-205AB) and B-26 for 300U(R) Series
DIMENSIONS FOR 300U(R)-A SERIES - DO-9 (DO-205AB) in millimeters (inches)
DIMENSIONS FOR 302U(R)-A SERIES - B-26 in millimeters (inches)
19.18 (0.755)
Max.
Ø 8.89 (0.350)
Ø 8.38 (0.330)
11.51 (0.453)
10.74 (0.423)
3.18 (0.125)
Max.
Unthreaded
portion
Ø 19.02 (0.749)
Max.
31.75 (1.250)
30.94 (1.218)
Across flats
9.27 (0.365)
7.87 (0.310)
Ø 27.94 (1.10)
Max.
4.32
(0.170)
Max.
13.46 (0.530)
11.94 (0.470)
149.9 (5.90)
134.6 (5.30)
53.34 (2.10)
Max.
21.03 (0.83)
20.14 (0.79)
3/4" 16UNF-2A
for metric device: M20 x 1.5
contact factory
Ø 9.50 (0.374)
Max.
16.51 (0.65)
14.99 (0.59)
18.29 (0.72)
16.76 (0.66)
Ø 27.94 (1.10)
Max.
9.27 (0.365)
7.87 (0.310)
31.75 (1.250) Max.
Across flats
3.18 (0.125)
Max.
Ø 19.02 (0.749)
Max.
3/8"-24UNF-2A
58.67 (2.31)
55.63 (2.19)
28.45 (1.12)
Max.
21.03 (0.828)
20.14 (0.793)
Across flats
3/4" 16UNF-2A


Número de pieza similar - VS-300U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-300U VISHAY-VS-300U Datasheet
166Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-300U10A VISHAY-VS-300U10A Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-300U20A VISHAY-VS-300U20A Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-300U30A VISHAY-VS-300U30A Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-300U40A VISHAY-VS-300U40A Datasheet
165Kb / 7P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
More results

Descripción similar - VS-300U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nell Semiconductor Co.,...
150FD NELLSEMI-150FD Datasheet
1Mb / 6P
   Popular series for rough service
logo
OSRAM GmbH
FO141 OSRAM-FO141 Datasheet
76Kb / 1P
   Upgrades For Popular Projjecttiion Lamps
logo
PHOENIX CONTACT
0803682 PHOENIX-0803682 Datasheet
47Kb / 3P
   Label for rough surfaces - EML-HA (38,1X25,4)R /OS
0830609 PHOENIX-0830609 Datasheet
51Kb / 3P
   Label for rough plastic surfaces - EML-HA (76X51)R
0830730 PHOENIX-0830730 Datasheet
50Kb / 3P
   Label for rough plastic surfaces - EML-HA (70X50)R
logo
M/A-COM Technology Solu...
1N5807US MA-COM-1N5807US Datasheet
626Kb / 4P
   Popular JEDEC Registered Series
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
   Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
Baumer IVO GmbH & Co. K...
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
   Accessories & Service
Z119037 IVO-Z119037 Datasheet
164Kb / 1P
   Accessories & Service
Z139006 IVO-Z139006 Datasheet
201Kb / 1P
   Accessories & Service
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com