Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VS-MBR7PBF Datasheet(PDF) 1 Page - Vishay Siliconix |
|
VS-MBR7PBF Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page VS-MBR7...PbF Series, VS-MBR7...-N3 Series www.vishay.com Vishay Semiconductors Revision: 30-Aug-11 1 Document Number: 94299 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Schottky Rectifier, 7.5 A FEATURES • 150 °C TJ operation • High frequency operation • Low forward voltage drop • High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance • Guard ring for enhanced ruggedness and long term reliability • Compliant to RoHS Directive 2002/95/EC • Designed and qualified according to JEDEC-JESD47 • Halogen-free according to IEC 61249-2-21 definition (-N3 only) DESCRIPTION The VS-MBR7... Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. PRODUCT SUMMARY Package TO-220AC IF(AV) 7.5 A VR 35 V, 45 V VF at IF 0.57 V IRM max. 15 mA at 125 °C TJ max. 150 °C Diode variation Single die EAS 7 mJ Anode 1 3 Cathode Base cathode 2 TO-220AC MAJOR RATINGS AND CHARACTERISTICS SYMBOL CHARACTERISTICS VALUES UNITS IF(AV) Rectangular waveform 7.5 A VRRM 35/45 V IFSM tp = 5 μs sine 690 A VF 7.5 Apk, TJ = 125 °C 0.57 V TJ Range - 65 to 150 °C VOLTAGE RATINGS PARAMETER SYMBOL VS-MBR735PbF VS-MBR735-N3 VS-MBR745PbF VS-MBR745-N3 UNITS Maximum DC reverse voltage VR 35 35 45 45 V Maximum working peak reverse voltage VRWM ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum average forward current IF(AV) TC = 131 °C, rated VR 7.5 A Non-repetitive peak surge current IFSM 5 µs sine or 3 µs rect. pulse Following any rated load condition and with rated VRRM applied 690 A Surge applied at rated load condition half wave single phase 60 Hz 150 Non-repetitive avalanche energy EAS TJ = 25 °C, IAS = 2 A, L = 3.5 mH 7mJ Repetitive avalanche current IAR Current decaying linearly to zero in 1 μs Frequency limited by TJ maximum VA = 1.5 x VR typical 2A |
Número de pieza similar - VS-MBR7PBF |
|
Descripción similar - VS-MBR7PBF |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |