Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VSSAF3N50 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza VSSAF3N50
Descripción Electrónicos  Ideal for automated placement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSAF3N50 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSSAF3N50 Datasheet HTML 1Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 2Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 3Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 4Page - Vishay Siliconix VSSAF3N50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VSSAF3N50
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jul-14
3
Document Number: 87720
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
Fig. 7 - Thermal Resistance Junction to Ambient
vs. Copper Pad Area
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
10
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1
10
100
1000
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Ambient
0
20
40
60
80
100
120
140
02468
10
Copper Pad Areas (cm2)
Scu (cm2)
Epoxy printed circuit
board FR4 copper
thickness = 70 μm


Número de pieza similar - VSSAF3N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
116Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
VSSAF3N50 VISHAY-VSSAF3N50_V01 Datasheet
116Kb / 5P
   Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Descripción similar - VSSAF3N50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SE70PB VISHAY-SE70PB Datasheet
100Kb / 5P
   Ideal for automated placement
Revision: 10-Jul-15
SS12-M3 VISHAY-SS12-M3 Datasheet
96Kb / 4P
   Ideal for automated placement
Revision: 04-Aug-15
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
   Ideal for automated placement
Revision: 04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
   Ideal for automated placement
Revision: 05-May-15
logo
Pan Jit International I...
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
   Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
   Ideal for automated placement
Revision: 10-Dec-14
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
   Ideal for automated placement
Revision: 09-Dec-13
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
   Ideal for automated placement
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
   Ideal for automated placement
logo
Bruckewell Technology L...
SD10PU80 BWTECH-SD10PU80 Datasheet
117Kb / 4P
   Ideal for automated placement
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com