Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VS-SD300N Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza VS-SD300N
Descripción Electrónicos  Standard Recovery Diodes (Stud Version), 380 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD300N Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-SD300N Datasheet HTML 1Page - Vishay Siliconix VS-SD300N Datasheet HTML 2Page - Vishay Siliconix VS-SD300N Datasheet HTML 3Page - Vishay Siliconix VS-SD300N Datasheet HTML 4Page - Vishay Siliconix VS-SD300N Datasheet HTML 5Page - Vishay Siliconix VS-SD300N Datasheet HTML 6Page - Vishay Siliconix VS-SD300N Datasheet HTML 7Page - Vishay Siliconix VS-SD300N Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-SD300N/R Series
www.vishay.com
Vishay Semiconductors
Revision: 05-Aug-14
4
Document Number: 93545
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.4
K/ W
0.2
K/ W
0.1
K/W
0.6 K/W
0.8 K/ W
2 K/ W
0
100
200
300
400
500
600
700
0
50
100 150 200 250 300 350 400
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Angle
Average Forward Current (A)
SD300N/ RSeries
(1600V to 2000V)
T = 180°C
J
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
R
=
0.0
3
K/
W
- D
elt
a
R
0.0
6
K/ W
0.4 K
/ W
0.2
K/W
0.1
K/W
0.6 K/
W
0.8 K/W
2 K/ W
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD300N/ RSeries
(1600V to 2000V)
T = 180°C
J
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.1
K/W
0.0
6
K/
W
0.2
K/ W
0.4K
/ W
0.8 K/ W
1.8 K/W
0
100
200
300
400
500
600
700
0
50
100 150200 250300 350400
180°
120°
90°
60°
30°
RMSLimit
Cond uction Angle
Average Forward Current (A)
SD300N/ RSeries
(2500V to 3200V)
T = 150°C
J


Número de pieza similar - VS-SD300N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
More results

Descripción similar - VS-SD300N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com