Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VS-SD703CL Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza VS-SD703CL
Descripción Electrónicos  Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD703CL Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-SD703CL Datasheet HTML 1Page - Vishay Siliconix VS-SD703CL Datasheet HTML 2Page - Vishay Siliconix VS-SD703CL Datasheet HTML 3Page - Vishay Siliconix VS-SD703CL Datasheet HTML 4Page - Vishay Siliconix VS-SD703CL Datasheet HTML 5Page - Vishay Siliconix VS-SD703CL Datasheet HTML 6Page - Vishay Siliconix VS-SD703CL Datasheet HTML 7Page - Vishay Siliconix VS-SD703CL Datasheet HTML 8Page - Vishay Siliconix VS-SD703CL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VS-SD703C..L Series
www.vishay.com
Vishay Semiconductors
Revision: 04-Apr-14
2
Document Number: 93179
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
SD703C..L
UNITS
s20
s30
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
700 (365)
790 (400)
A
55 (85)
55 (85)
°C
Maximum RMS forward current
IF(RMS)
25 °C heatsink temperature double side cooled
1320
1470
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
9300
9600
t = 8.3 ms
9730
10 050
t = 10 ms
100 % VRRM
reapplied
7820
8070
t = 8.3 ms
8190
8450
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
432
460
kA2s
t = 8.3 ms
395
420
t = 10 ms
100 % VRRM
reapplied
306
326
t = 8.3 ms
279
297
Maximum I2
t for fusing
I2
t
t = 0.1 to 10 ms, no voltage reapplied
4320
4600
kA2
s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
1.00
0.95
V
High level value of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ = TJ maximum
1.11
1.05
Low level value of forward
slope resistance
rf1
(16.7 % x
 x I
T(AV) < I <  x IT(AV)), TJ = TJ maximum
0.80
0.60
mW
High level value of forward
slope resistance
rf2
(I >
 x I
T(AV)), TJ = TJ maximum
0.76
0.56
Maximum forward voltage drop
VFM
Ipk = 1500 A, TJ = TJ maximum,
tp = 10 ms sinusoidal wave
2.20
1.85
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 150 °C
trr AT 25 % IRRM
(μs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/μs)
Vr
(V)
trr AT 25 % IRRM
(μs)
Qrr
(μC)
Irr
(A)
S20
2.0
1000
50
- 50
3.5
240
110
S30
3.0
5.0
380
130
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
case junction to heatsink
RthJ-hs
DC operation single side cooled
0.092
K/W
DC operation double side cooled
0.046
Mounting force, ± 10 %
9800
(1000)
N
(kg)
Approximate weight
250
g
Case style
See dimensions - link at the end of datasheet
DO-200AB (B-PUK)
R
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.011
0.011
0.008
0.008
TJ = TJ maximum
K/W
120°
0.013
0.014
0.013
0.013
90°
0.017
0.017
0.018
0.018
60°
0.024
0.025
0.026
0.026
30°
0.043
0.043
0.043
0.044
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Número de pieza similar - VS-SD703CL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-SD703CL VISHAY-VS-SD703CL Datasheet
533Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A
01-Jan-2022
VS-SD703CL VISHAY-VS-SD703CL_V01 Datasheet
533Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A
01-Jan-2022
More results

Descripción similar - VS-SD703CL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SD703C12S20L VISHAY-SD703C12S20L_12 Datasheet
541Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700/790 A
Revision: 14-May-08
VS-SD703CL VISHAY-VS-SD703CL_V01 Datasheet
533Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A
01-Jan-2022
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 18-Mar-15
SD700C30L VISHAY-SD700C30L_12 Datasheet
138Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 700 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com