Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MMBD6050 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
MMBD6050 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 3 page Production specification Surface mount switching diode MMBD6050 C131 www.gmicroelec.com Rev.B 1 FEATURES High conductance. Fast switching. Surface mount package ideally suited for automatic insertion. APPLICATIONS For general purpose and switching application. SOT-23 ORDERING INFORMATION Type No. Marking Package Code MMBD6050 5A SOT-23 MAXIMUM RATING @ Ta=25℃ unless otherwise specified Characteristic Symbol Limits Unit Continuous Reverse Voltage VR 70 V Forward current IF 200 mA Peak suge forward Current IFSM 500 A Power Dissipation Pd 300 mW Thermal resistance , Junction-to-Ambient RθJA 417 ℃ /W Operating Junction Temperature Range Tj 150 ℃ Storage Temperature Range TSTG -55 to +150 ℃ ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified Characteristic Symbol Min MAX UNIT Test Condition Reverse Breakdown Voltage V(BR)R 70 V IR= 100μA Forward Voltage VF 0.55 0.85 0.7 1.1 V IF=1mA IF=100mA Reverse Leakage Current IR 0.1 μA VR=50V Total Capacitance Ctot 2.5 pF VR=0V,f=1MHz Reverse Recovery Time trr 4 ns IF=IR=10mA Irr=1mA Pb Lead-free |
Número de pieza similar - MMBD6050 |
|
Descripción similar - MMBD6050 |