Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPAS10-D120I Datasheet(PDF) 1 Page - Total Power International

No. de pieza TPAS10-D120I
Descripción Electrónicos  CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAS10-D120I Datasheet(HTML) 1 Page - Total Power International

  TPAS10-D120I Datasheet HTML 1Page - Total Power International TPAS10-D120I Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power International, Inc.
CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS
MULTIPLE OUTPUT TPAS10G-S &TPAS10-D/T SERIES
FEATURES:
CHASSIS-MOUNT AC/DC MODULAR
POWER SUPPLIES
UNIVERSAL AC INPUT RANGE
GREEN POWER DESIGN
MEET UNIVERSAL SAFETY STANDARDS
EMI MEETS CISPR PUB.22/FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: 70-80% typical various with output voltage.
Switching Frequency: 80K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Peak deviation on 70mV,
Recovery time <0.2mSec.@ 25%step load change.
Case: Impact resistant thermo-plastic enclosure.
Safety Standard: EN60950-1/ UL60950-1 Class I.
Power Density: 1.22 Watts. / Cubic inch.
Operating Temperature: 0°C to +50°C range. @ full load
without derating.
From+50°C derating linearly to half load @+70°C
(Refer to the Derating Chart).
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: ±0.03% /°C.
Cooling: Convection cooling for +50°C @ full load.
Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Frequency: 47-63 Hz. (Nominal 50/60Hz.).
Input Current: 0.16A @115Vac./0.1A @230Vac typical.
Inrush Current: 4.2Arms@230Vac typical.
Input Fuse: Use external fuse.
Dielectric Withstand: Meet IEC60950-1.
3,000Vac-Output/Input.
1,500Vac-Input/GND.
500Vac-Output/GND.
EMI: Meet CISPR PUB. 22/FCC Class B.
Hold-up time: Typ. 22.4 mS @115Vac, 130mS @230Vac.
Green Power: 0.25W@132Vac, 0.51W@230Vac for single.
Earth Leakage: Less than 0.16mA @230Vac.
Remote ON/OFF:
ON(Enable)=Open.
OFF(Disable)=Short.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 10 Watts typical.
Line Regulation: Various with output voltage. Typ.±0.1% .
Load Regulation: Various with output voltage.
Main VO1 ± 0.1-2.0% typical.
Aux.VO2 ± 0.7-1.2% typical.
Aux.VO3 ± 0.1% typical.
Total Regulation: 0.1-1.9% typical.
Noise & ripple: 1.0% typical peak to peak.
Typ. 100mV for 3.3V/5v.
OVP: Built-in on main output VO1.
Adjustability: Available at main output VO1.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typical 125-150% of rating output load.
Con2sult the factory for special OLP setting.


Número de pieza similar - TPAS10-D120I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
   GaAs DC-3 GHz SPDT Switch
More results

Descripción similar - TPAS10-D120I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HITRON ELECTRONICS CORP...
HAS10G-S HITRON-HAS10G-S Datasheet
185Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
logo
Total Power Internation...
TPAM15S TOTAL-POWER-TPAM15S_17 Datasheet
260Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES
logo
HITRON ELECTRONICS CORP...
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HASM10G-S HITRON-HASM10G-S Datasheet
184Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT MEDICAL APPLICATION AC-DC GREEN POWER ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS MULTIPLE OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
Total Power Internation...
TPAS50D TOTAL-POWER-TPAS50D_17 Datasheet
366Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
XP Power Limited
PBA50F-3 XPPOWER-PBA50F-3 Datasheet
214Kb / 5P
   AC-DC Chassis Mount
CPK600PS24 XPPOWER-CPK600PS24 Datasheet
829Kb / 4P
   AC-DC Chassis Mount
CPB600PS3V3 XPPOWER-CPB600PS3V3 Datasheet
366Kb / 2P
   AC-DC Chassis Mount
logo
MicroPower Direct, LLC
MPM-25S MPD-MPM-25S Datasheet
217Kb / 2P
   Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com