Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5475DC Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI5475DC
Descripción Electrónicos  P-Channel 12-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5475DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5475DC Datasheet HTML 1Page - Vishay Siliconix SI5475DC Datasheet HTML 2Page - Vishay Siliconix SI5475DC Datasheet HTML 3Page - Vishay Siliconix SI5475DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si5475DC
Vishay Siliconix
www.vishay.com
2
Document Number: 71324
S-21251—Rev. B, 05-Aug-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID =--I mA
--0.45
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS = 8V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =--9.6 V, VGS =0 V
--1
mA
Zero Gate Voltage Drain Current
IDSS
VDS =--9.6 V, VGS =0 V, TJ =85_C
--5
mA
On-State Drain Currenta
ID(on)
VDS --5 V, VGS =--4.5 V
--20
A
VGS =--4.5 V, ID =--5.5 A
0.027
0.031
Drain-Source On-State Resistancea
rDS(on)
VGS =--2.5 V, ID =--4.8 A
0.035
0.041
DS(on)
VGS =--1.8 V, ID =--2 A
0.045
0.054
Forward Transconductancea
gfs
VDS =--5 V, ID =--5.2 A
19
S
Diode Forward Voltagea
VSD
IS =--1.1 A, VGS =0 V
--0.7
--1.2
V
Dynamicb
Total Gate Charge
Qg
19
29
Gate-Source Charge
Qgs
VDS =--6 V, VGS =--4.5 V, ID =--5.5 A
3.9
nC
Gate-Drain Charge
Qgd
3.6
Turn-On Delay Time
td(on)
15
25
Rise Time
tr
VDD =--6 V,RL =6 Ω
20
30
Turn-Off Delay Time
td(off)
VDD = --6 V, RL = 6 Ω
ID ≅ --1 A, VGEN =--4.5 V, RG =6 Ω
122
180
ns
Fall Time
tf
80
120
Source-Drain Reverse Recovery Time
trr
IF = --1.1 A, di/dt = 100 A/ms
40
60
Notes
a.
Pulse test; pulse width ≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
012345
VGS =5 thru 2.5 V
TC =--55_C
125_C
1.5 V
25_C
Output Characteristics
Transfer Characteristics
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
1V
2V


Número de pieza similar - SI5475DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
Si5475DC TI-Si5475DC Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
More results

Descripción similar - SI5475DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com