Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5855DC Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI5855DC
Descripción Electrónicos  P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5855DC Datasheet(HTML) 5 Page - Vishay Siliconix

  SI5855DC Datasheet HTML 1Page - Vishay Siliconix SI5855DC Datasheet HTML 2Page - Vishay Siliconix SI5855DC Datasheet HTML 3Page - Vishay Siliconix SI5855DC Datasheet HTML 4Page - Vishay Siliconix SI5855DC Datasheet HTML 5Page - Vishay Siliconix SI5855DC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Si5855DC
Vishay Siliconix
New Product
Document Number: 72232
S-31406—Rev. A, 07-Jul-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
MOSFET
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
SCHOTTKY
-50
-25
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
Forward Voltage Drop
VF - Forward Voltage Drop (V)
0.0001
1
100
Reverse Current vs. Junction Temperature
TJ - Junction Temperature (_C)
0.001
0.01
0.1
10
20 V
TJ = 25_C
TJ = 150_C
10 V


Número de pieza similar - SI5855DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5855DC VISHAY-SI5855DC Datasheet
101Kb / 7P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 17-May-04
Si5855DC VISHAY-Si5855DC Datasheet
188Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. C, 08-Mar-10
SI5855DC-T1-E3 VISHAY-SI5855DC-T1-E3 Datasheet
188Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. C, 08-Mar-10
SI5855DC VISHAY-SI5855DC_04 Datasheet
101Kb / 7P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 17-May-04
More results

Descripción similar - SI5855DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5853DC VISHAY-SI5853DC Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5855DC-T1-E3 VISHAY-SI5855DC-T1-E3 Datasheet
188Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. C, 08-Mar-10
SI5855DC VISHAY-SI5855DC_04 Datasheet
101Kb / 7P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 17-May-04
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
SI5856DC VISHAY-SI5856DC Datasheet
88Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 24-Nov-03
SI5856DC VISHAY-SI5856DC_08 Datasheet
111Kb / 7P
   N-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. C, 28-Feb-05
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com