Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ5921B Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza SMAJ5921B
Descripción Electrónicos  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ5921B Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ5921B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ5921B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ5921B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ5921B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Production specification
Surface mount zener diode
SMAJ5913B--SMAJ5956B
Document Number : SMA502AA
www.gmicroelec.com
3
Part Number
Device
marking
code
Zener
voltage
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Revere
voltage
Max. DC
current
VZ
IZT
ZZT
IZK
ZZK
IR(Max.)
VR
IZM
V
m A
Ω
m A
Ω
μ A dc
V
m A
SMAJ5946B
5946
75
5.0
140
0.25
2000
1.0
56.0
20
SMAJ5947B
5947
82
4.6
160
0.25
2500
1.0
62.2
18
SMAJ5948B
5948
91
4.1
200
0.25
3000
1.0
69.2
16
SMAJ5949B
5949
100
3.7
250
0.25
3100
1.0
76.0
15
SMAJ5950B
5950
110
3.4
300
0.25
4000
1.0
83.6
13
SMAJ5951B
5951
120
3.1
380
0.25
4500
1.0
91.2
12
SMAJ5952B
5952
130
2.9
450
0.25
5000
1.0
98.8
11
SMAJ5953B
5953
150
2.5
600
0.25
6000
1.0
114.0
10
SMAJ5954B
5954
160
2.3
700
0.25
6500
1.0
121.6
9.0
SMAJ5955B
5955
180
2.1
900
0.25
7000
1.0
136.8
8.0
SMAJ5956B
5956
200
1.9
1200
0.25
8000
1.0
152.0
7.0
Notes: 1.No suffix indicates a ±20% tolerance on nominal V z. Suffix A denotes a ±10% tolerance, B denotes a ±5% tolerance, C
denotes a ±2% tolerance, and D denotes a ±1% tolerance.
2. Zener voltage (V z) is measured at TL=30
. Voltage
measurement to be performed 90 seconds after application of
dc current.
3.The zener impedance is derived from the 60Hz ac voltage, which results when an ac current having an rms value equal
to 10% of the dc zener current(IZT or IZK) is superimposed on IZT or IZK.


Número de pieza similar - SMAJ5921B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMAJ5921B MCC-SMAJ5921B Datasheet
486Kb / 5P
   1.5 Watt Zener Diode 3.3 to 51 Volts
More results

Descripción similar - SMAJ5921B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com