Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9130LG Datasheet(PDF) 10 Page - Vishay Siliconix

No. de pieza SI9130LG
Descripción Electrónicos  Pin-Programmable Dual Controller-Portable PCs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130LG Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI9130LG Datasheet HTML 5Page - Vishay Siliconix SI9130LG Datasheet HTML 6Page - Vishay Siliconix SI9130LG Datasheet HTML 7Page - Vishay Siliconix SI9130LG Datasheet HTML 8Page - Vishay Siliconix SI9130LG Datasheet HTML 9Page - Vishay Siliconix SI9130LG Datasheet HTML 10Page - Vishay Siliconix SI9130LG Datasheet HTML 11Page - Vishay Siliconix SI9130LG Datasheet HTML 12Page - Vishay Siliconix SI9130LG Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Si9130
Vishay Siliconix
www.vishay.com
10
Document Number: 70190
S-40805—Rev. F, 26-Apr-04
FIGURE 3.
Si9130 Controller Block Diagram
60 kHz
LPF
CS_
OSC
1X
R
S
Q
R
S
Q
Level
Shift
Level
Shift
Shoot-
Through
Control
FB_
BST_
DH_
LX_
VL
DL_
PGND
Current
Limit
0 mV to
100 mV
Synchronous
Rectifier Control
1R
30R
VL
4 mA
3.3 V
Minimum Current
(Pulse-Skipping Mode)
25 mV
REF,
3.3 V
(or Internal
5-V Reference)
SS_
ON_
Summing
Comparator
Slope
Comp
3.3-V and 5-V Switching Controllers
Each PWM controller on the Si9130 is identical with the exception
of the preset output voltages. The controllers only share three
functional blocks (see Figure 3): the oscillator, the voltage
reference (REF) and the 5-V logic supply (VL). The 3.3-V and 5-V
controllers are independently enabled with pins ON3 and ON5,
respectively. The PWMs are a direct-summing type, without the
typical integrating error amplifier along with the phase shift which
is a side effect of this type of topology. Feedback compensation
is not needed, as long as the output capacitance and its ESR
requirements are met, according to the Design Considerations
section of this data sheet.
The main PWM comparator is an open loop device which is
comprised of three comparators summing four signals: the
feedback voltage error signal, current sense signal,
slope-compensation ramp and voltage reference as shown in
Figure 3. This method of control comes closer to the ideal of
maintaining the output voltage on a cycle-by-cycle basis.
When the load demands high current levels, the controller is in
full PWM mode. Every cycle from the oscillator asserts the
output latch and drives the gate of the high-side MOSFET for
a period determined by the duty cycle (approximately
VOUT/VIN
100%) and the frequency.


Número de pieza similar - SI9130LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9130LG VISHAY-SI9130LG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130LG-T1 VISHAY-SI9130LG-T1 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130LG-T1-E3 VISHAY-SI9130LG-T1-E3 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
More results

Descripción similar - SI9130LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9130 VISHAY-SI9130_11 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com