Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9182DH-20-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI9182DH-20-T1
Descripción Electrónicos  Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9182DH-20-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9182DH-20-T1 Datasheet HTML 1Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 2Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 3Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 4Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 5Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 6Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 7Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 8Page - Vishay Siliconix SI9182DH-20-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Si9182
Vishay Siliconix
www.vishay.com
2
Document Number: 71150
S-41221—Rev. F, 28-Jun-04
ABSOLUTE MAXIMUM RATINGS
Input Voltage, VIN
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SD Input Voltage, VSD
−0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOUT
Short Circuit Protected
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT
−0.3 V to VO(nom) + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ(max)
150_C
. . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, TSTG
−55_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
ESD (Human Body Model)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
8-Pin MSOP
666 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
8-Pin MSOPb
150_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 6.6 mW/_C above TA = 25_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Input Voltage, VIN
2 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT (Adjustable Version)
1.5 V to 5 V
. . . . . . . . . . . . . . . . . .
SD Input Voltage, VSD
0 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature, TA
−40_C to 85_C
. . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
−40_C to 125_C
. . . . . . . . . . . . . . . . . . .
CIN = 2.2 mF, COUT = 2.2 mF (ceramic, X5R or X7R type) , CNOISE = 0.1 mF (ceramic)
COUTRange = 1 mF to 10 mF ("10%, x5R or x7R type)
CIN w COUT
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
V
V
1 V I
1 A
Limits
−40 to 85_C
Parameter
Symbol
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 2.2 mF, COUT = 2.2 mF, VSD = 1.5 V
Tempa
Minb
Typc
Maxb
Unit
Output Voltage Range
Adjustable Version
Full
1.5
5
V
Output Voltage Accuracy
VOUT
1 mA v IOUT v 250 mA
Room
−1.5
1.5
% VO(
)
Output Voltage Accuracy
(Fixed Versions)
OUT
1 mA v IOUT v 250 mA
Full
−2.5
2.5
% VO(nom)
Feedback Voltage (ADJ Version)
VADJ
Room
1.191
1.215
1.239
V
Feedback Voltage (ADJ Version)
VADJ
Full
1.179
1.251
V
Line Regulation
(Except 5-V Version)
From VIN = VOUT(nom) + 1 V
to VOUT(nom) + 2 V
Full
−0.18
0.18
Line Regulation (5-V Version)
DVOUT 100
V
V
From VIN = 5.5 V to 6 V
Full
−0.18
0.18
%/V
Line Regulation (ADJ Version)
VIN VOUT(nom)
VOUT = 1.5 V, From VIN = 2.5 V to 3.5 V
Full
−0.18
0.18
%/V
Line Regulation (ADJ Version)
VOUT = 5 V, From VIN = 5.5 V to 6 V
Full
−0.18
0.18
IOUT = 10 mA
Room
5
20
Dropout Voltaged
IOUT = 200 mA
Room
85
180
Dropout Voltaged
(@VOUT w 2 V)
IOUT = 250 mA
Room
105
275
VIN − VOUT
IOUT = 250 mA
Full
400
mV
d
IN
OUT
IOUT = 200 mA
Room
170
250
Dropout Voltaged
(@VOUT t 2 V, VIN w 2 V)
IOUT = 250 mA
Room
210
300
(@VOUT t 2 V, VIN w 2 V)
IOUT = 250 mA
Full
450
IOUT = 0 mA
Room
150
IOUT = 200 mA
Room
1000
Ground Pin Current
IGND
IOUT = 200 mA
Full
1500
mA
GND
IOUT = 250 mA
Room
1200
m
IOUT = 250 mA
Full
1900


Número de pieza similar - SI9182DH-20-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9182DB VISHAY-SI9182DB Datasheet
59Kb / 9P
   Si9181DB/Si9182DB Demonstration Board
26-Sep-00
More results

Descripción similar - SI9182DH-20-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
logo
ON Semiconductor
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com