Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M02050 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

No. de pieza M02050
Descripción Electrónicos  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02050_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02050_17 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Product Specification
02050-DSH-002-F
Mindspeed Technologies™
4
Mindspeed Proprietary and Confidential
TLOS_OFF
Time from non-LOS state until LOS
is deasserted (2)
LOS deassert time after input crosses signal detect
level; signal detect set to 10 mV with applied input
signal of 20 mVPP
2.3
80
µs
Notes:
1. With VIN_DIFF = 1 VPP, typical times decrease as VIN_DIFF decreases.
2. With VIN_DIFF = 20 mVpp, typical times decrease as VIN_DIFF increases.
Table 1-4.
AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Figure 1-1.
Data Input Requirements
DINP
DINN
2 - 600 mV
4 - 1200 mV
Differential Input
Single-ended Input
DINP or DINN
4 - 600 mV
Unused Input
NOTE:
For single-ended input connections.
When connecting to the used input with AC-coupling, the unused input should be AC-coupled
through 50
Ω to the supply voltage of the TIA;
When connecting to the used input with DC-coupling, the unused input should be DC-coupled
through 50
Ω to a voltage equal to the common mode level of the used input.


Número de pieza similar - M02050_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
List of Unclassifed Man...
M02050-15 ETC2-M02050-15 Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
logo
M/A-COM Technology Solu...
M02050-15EVM MA-COM-M02050-15EVM Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
List of Unclassifed Man...
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

Descripción similar - M02050_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com