Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62S011AFM Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TD62S011AFM
Descripción Electrónicos  1-Channel Sink-Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62S011AFM Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62S011AFM Datasheet HTML 1Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 2Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 3Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 4Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 5Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 6Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 7Page - Toshiba Semiconductor TD62S011AFM Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TD62S011AFM
2001-12-05
3
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output leakage current
ICEX
1
VCC = VIN = 5.5 V,
VOUT = 50 V
¾
¾
10
mA
VCC = 4.5 V, VIN = 0 V,
IOUT = 100 mA
¾
¾
0.3
Output saturation voltage
VCE (sat)
2
VCC = 4.5 V, VIN = 0 V,
IOUT = 50 mA
¾
¾
0.15
V
Output ON
IIN (ON)
3
VCC = 5.5 V, VIN = 0.4 V
¾
-0.44
-0.63
mA
Input current
Output OFF
IIN (OFF)
4
VCC = 5.5 V, VIN = 5.5 V
¾
¾
-4.0
mA
Input voltage
VIN (ON)
5
VCC = 4.5 V, IOUT = 100 mA
¾
¾
VCC
- 3.7
V
Clamp diode leakage current
IR
6
VR = 50 V
¾
¾
10
mA
Clamp diode forward voltage
VF
7
IF = 100 mA
¾
¾
1.3
V
ICC (ON)
VCC = 5.5 V, VIN = 0 V
¾
¾
6.0
mA
Power dissipation
ICC (OFF)
8
VCC = 5.5 V, VIN = VCC
¾
¾
100
mA
Turn-on delay
tON
¾
0.2
¾
Turn-off delay
tOFF
9
VCC = 5 V, VOUT = 50 V,
RL = 625 W, CL = 15 pF
¾
8.5
¾
ms


Número de pieza similar - TD62S011AFM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62S050AFM TOSHIBA-TD62S050AFM Datasheet
118Kb / 5P
   TD62S050AFM
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TD62S011AFM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Global Mixed-mode Techn...
G2020 GMT-G2020 Datasheet
93Kb / 1P
   1-Channel High Current Motor Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
BCD Semiconductor Manuf...
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
   5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com