Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM305222R1DBGEVB Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza AM305222R1DBGEVB
Descripción Electrónicos  Bill of Materials for the AM305222R1DBGEVB Evaluation Board
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AM305222R1DBGEVB Datasheet(HTML) 1 Page - ON Semiconductor

  AM305222R1DBGEVB Datasheet HTML 1Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Designator
Quantity
Description
Value
Tolerance
Footprint
Manufacturer
Manufacturer Part
Number
Substitution
Allowed
Lead Free
CON1
1
DIL PC plug (7+7)
--
-
HARWIN
M80-8541442
Yes
Yes
CON2
1
DIL PC plug (6+6)
--
-
HARWIN
M80-8541242
Yes
Yes
C1
1
Aluminium Electrolytic Capacitor
100 µF, 50 V
20%
8.3mm x 8.3mm
NICHICON
UUD1H101MNL1GS
Yes
Yes
C2, C3
2
Ceramic Capacitor
100 nF, 50 V
20%
0603
YAGEO
CC0603MRY5V9BB104
Yes
Yes
C4
1
Ceramic Capacitor
0.22 µF, 10 V
10%
0402
YAGEO
CC0402KRX5R6BB224
Yes
Yes
C6, C7
2
Ceramic Capacitor
220 nF, 16 V
20%
0603
YAGEO
CC0603MRY5V7BB224
Yes
Yes
R1
1
Not Populated
-
-
-
-
-
--
R2
1
Resistor
100 Ω
1%
0603
YAGEO
RC0603FR-07100RL
Yes
Yes
IC1
1
AMIS-30522
-
-
NQFP32
ON Semiconductor
AMIS30522C5222G
No
Yes
Bill of Materials for the AM305222R1DBGEVB Evaluation Board
2/15/2010
Page 1 of 1
www.onsemi.com


Número de pieza similar - AM305222R1DBGEVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305212R1DBGEVB Evaluation Board
More results

Descripción similar - AM305222R1DBGEVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305212R1DBGEVB Evaluation Board
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
   Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
AM306228R1DBGEVB ONSEMI-AM306228R1DBGEVB Datasheet
113Kb / 1P
   Bill of Materials for the AM306228R1DBGEVB Daughterboard
2/11/2010
logo
Zetex Semiconductors
ZXLD1350EV3 ZETEX-ZXLD1350EV3 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
ZXSC400EV2 ZETEX-ZXSC400EV2 Datasheet
66Kb / 1P
   circuit diagram and bill of materials
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com