Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF820S Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza IRF820S
Descripción Electrónicos  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF820S Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF820S Datasheet HTML 1Page - Vishay Siliconix IRF820S Datasheet HTML 2Page - Vishay Siliconix IRF820S Datasheet HTML 3Page - Vishay Siliconix IRF820S Datasheet HTML 4Page - Vishay Siliconix IRF820S Datasheet HTML 5Page - Vishay Siliconix IRF820S Datasheet HTML 6Page - Vishay Siliconix IRF820S Datasheet HTML 7Page - Vishay Siliconix IRF820S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF820S, SiHF820S, IRF820L, SiHF820L
www.vishay.com
Vishay Siliconix
S15-1659-Rev. D, 20-Jul-15
1
Document Number: 91060
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Surface mount
• Available in tape and reel
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Fast switching
• Ease of paralleling
• Simple drive requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
DESCRIPTION
Third generation power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK (TO-263) is a surface mount power package
capable of accommodating die size up to HEX-4. It provides
the highest power capability and the lowest possible
on-resistance in any existing surface mount package. The
D2PAK (TO-263) is suitable for high current applications
because of its low internal connection resistance and can
dissipate up to 2.0 W in a typical surface mount application.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 60 mH, Rg = 25 , IAS = 2.5 A (see fig. 12).
c. ISD  2.5 A, dI/dt  50 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
500
RDS(on) ()VGS = 10 V
3.0
Qg (Max.) (nC)
24
Qgs (nC)
3.3
Qgd (nC)
13
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
Available
Available
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free and halogen-free
SiHF820S-GE3
SiHF820STRL-GE3 a
SiHF820STRR-GE3 a
SiHF820L-GE3
Lead (Pb)-free
IRF820SPbF
IRF820STRLPbF a
IRF820STRRPbF a
IRF820LPbF
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
2.5
A
TC = 100 °C
1.6
Pulsed Drain Current a
IDM
8.0
Linear Derating Factor
0.40
W/°C
Linear Derating Factor (PCB mount) e
0.025
Single Pulse Avalanche Energy b
EAS
210
mJ
Avalanche Current a
IAR
2.5
A
Repetitive Avalanche Energy a
EAR
5.0
mJ
Maximum Power Dissipation
TC = 25 °C
PD
50
W
Maximum Power Dissipation (PCB mount) e
TA = 25 °C
3.1
Peak Diode Recovery dV/dt c
dV/dt
3.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak temperature) d
for 10 s
300


Número de pieza similar - IRF820S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
logo
Vishay Siliconix
IRF820S VISHAY-IRF820S Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF820SPBF IRF-IRF820SPBF Datasheet
319Kb / 9P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF820SPBF VISHAY-IRF820SPBF Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
IRF820STRLPBFA VISHAY-IRF820STRLPBFA Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Descripción similar - IRF820S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com