Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT-HT-281-2430-13 Datasheet(PDF) 1 Page - Samtec, Inc

No. de pieza CAT-HT-281-2430-13
Descripción Electrónicos  Straight Action Hand Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMTEC [Samtec, Inc]
Página de inicio  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CAT-HT-281-2430-13 Datasheet(HTML) 1 Page - Samtec, Inc

  CAT-HT-281-2430-13 Datasheet HTML 1Page - Samtec, Inc CAT-HT-281-2430-13 Datasheet HTML 2Page - Samtec, Inc CAT-HT-281-2430-13 Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low
volume applications. A wide selection of powered application equipment for extended use production operations may be available.
Figure 1
1. INTRODUCTION
Straight Action Hand Tool CAT-HT-281-2430-13 (Figure 1)
was designed to crimp CC81 Series contacts for the S2SD,
S2SDT, & MPCC as well as T1M82-R & T1M82-L Series
contacts for the T2SD and T2SDT Tiger Eye Series.
The wire crimper bottoms against the anvil before the ratchet
releases. This is a design feature that assures maximum
electrical and tensile performance of the crimp. Do NOT re-
adjust the ratchet.
Dimensions in these instructions are in metric units [with
inches in brackets]. Figures are for reference only and are
not drawn to scale.
For conversions to left handed tools, recalibrations, or
locator replacements please contact Samtec Applica-
tion Tooling Group.
2. DESCRIPTION
The front of the tool is marked with the tool part number.
The tool features a fixed die (crimper), a movable die
(anvil), a locator, and a ratchet. The locator positions the
contact and limits the insertion distance of the stripped wire
into the contact. The ratchet assures full crimping of the
contact. Once engaged, the ratchet will not release until the
dies have been fully closed.
3. CRIMPING PROCEDURE
Do NOT cut or nick the wire strands during wire stripping.
1. Select the desired terminal listed in the Figure 3.
2. Make sure the center of the locator is in the down posi-
tion. With the locator attached, push the locator button
on the back of the hand tool to bring the locator forward
through the tooling.
3. While holding the locator button in, load the terminal into
the proper nest opening in the locator based on the wire
gauge or terminal type markings on the hand tooling.
4. Release the locator button, allowing the locator to return
to the crimping position.
5. Close the tool handle until the first ratchet position en-
gages.
6. Insert the properly stripped wire through the terminal and
against the wire stop. See Figure 2.
Figure 2
Straight Action Hand Tool
CAT-HT-281-2430-13
Instruction Sheet
STS-M-281-2430-13
Rev B
28 MAR 16
CUSTOMER SERVICE +1-800-726-8329 (+1-812-944-6733)
1 of 3


Número de pieza similar - CAT-HT-281-2430-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samtec, Inc
CAT-HT-203-2830-12 SAMTEC-CAT-HT-203-2830-12 Datasheet
678Kb / 3P
   Parallel Action Hand Tool
CAT-HT-203-2832-11 SAMTEC-CAT-HT-203-2832-11 Datasheet
109Kb / 3P
   Straight Action Hand Tool
CAT-HT-246-1416-14 SAMTEC-CAT-HT-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
More results

Descripción similar - CAT-HT-281-2430-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samtec, Inc
STS-M-246-1416-14 SAMTEC-STS-M-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-393-2430-13 SAMTEC-STS-M-393-2430-13 Datasheet
819Kb / 3P
   Straight Action Hand Tool
CAT-HT-169-1620-11 SAMTEC-CAT-HT-169-1620-11 Datasheet
394Kb / 4P
   Straight Action Hand Tool
CAT-HT-310-1012-14 SAMTEC-CAT-HT-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
STS-M-169-2024-13 SAMTEC-STS-M-169-2024-13 Datasheet
994Kb / 3P
   Straight Action Hand Tool
STS-M-179-2030-13 SAMTEC-STS-M-179-2030-13 Datasheet
997Kb / 3P
   Straight Action Hand Tool
STS-M-383-2426-13 SAMTEC-STS-M-383-2426-13 Datasheet
725Kb / 3P
   Straight Action Hand Tool
STS-M-310-1012-14 SAMTEC-STS-M-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
CAT-HT-246-1416-14 SAMTEC-CAT-HT-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-174-2030-13 SAMTEC-STS-M-174-2030-13 Datasheet
995Kb / 3P
   Straight Action Hand Tool
STS-M-281-2430-13 SAMTEC-STS-M-281-2430-13 Datasheet
886Kb / 3P
   Straight Action Hand Tool
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com