Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVC2G17GV Datasheet(PDF) 7 Page - NXP Semiconductors |
|
74LVC2G17GV Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 17 page 2004 Sep 08 7 Philips Semiconductors Product specification Dual non-inverting Schmitt-trigger with 5 V tolerant input 74LVC2G17 Note 1. All typical values are measured at VCC = 3.3 V and Tamb =25 °C. Tamb = −40 °C to +125 °C VOL LOW-level output voltage VI =VIH or VIL IO = 100 µA 1.65 to 5.5 −− 0.1 V IO = 4 mA 1.65 −− 0.70 V IO = 8 mA 2.3 −− 0.45 V IO = 12 mA 2.7 −− 0.60 V IO = 24 mA 3.0 −− 0.80 V IO = 32 mA 4.5 −− 0.80 V VOH HIGH-level output voltage VI =VIH or VIL IO = −100 µA 1.65 to 5.5 VCC − 0.1 −− V IO = −4 mA 1.65 0.95 −− V IO = −8 mA 2.3 1.7 −− V IO = −12 mA 2.7 1.9 −− V IO = −24 mA 3.0 2.0 −− V IO = −32 mA 4.5 3.4 −− V ILI input leakage current VI = 5.5 V or GND 5.5 −±0.1 ±20 µA Ioff power OFF leakage current VI or VO = 5.5 V 0 −− ±20 µA ICC quiescent supply current VI =VCC or GND; IO =0A 5.5 −− 40 µA ∆ICC additional quiescent supply current per pin VI =VCC − 0.6 V; IO =0A 2.3 to 5.5 −− 5000 µA SYMBOL PARAMETER TEST CONDITIONS MIN. TYP.(1) MAX. UNIT OTHER VCC (V) |
Número de pieza similar - 74LVC2G17GV |
|
Descripción similar - 74LVC2G17GV |