Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FCT273DCQB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 74FCT273DCQB
Descripción Electrónicos  Octal D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

74FCT273DCQB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74FCT273DCQB Datasheet HTML 1Page - National Semiconductor (TI) 74FCT273DCQB Datasheet HTML 2Page - National Semiconductor (TI) 74FCT273DCQB Datasheet HTML 3Page - National Semiconductor (TI) 74FCT273DCQB Datasheet HTML 4Page - National Semiconductor (TI) 74FCT273DCQB Datasheet HTML 5Page - National Semiconductor (TI) 74FCT273DCQB Datasheet HTML 6Page - National Semiconductor (TI) 74FCT273DCQB Datasheet HTML 7Page - National Semiconductor (TI) 74FCT273DCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics
54FCT74FCT
74FCT
54FCT
TA ea25 C
TA VCC e Com
TA VCC e Mil
Symbol
Parameter
VCC e 50V
RL e 500X
RL e 500X
Units
CL e 50 pF
CL e 50 pF
Typ
Min
Max
Min
Max
tPHL
Propagation Delay
70
20
130
15
95
ns
tPLH
Clock to Output
tPLH
Propagation Delay
80
20
130
15
105
ns
tPHL
MR to Output
tSU
Setup Time HIGH
15
30
35
ns
or LOW Data to CP
th
Hold Time HIGH
10
20
20
ns
or LOW Data to CP
tw
Clock Pulse Width
40
70
50
ns
HIGH or LOW
tw
MR Pulse Width
40
70
50
ns
HIGH or LOW
trec
Recovery Time
30
40
40
ns
MR to CP
fmax
Maximum Clock Frequency
90
MHz
Note 1
Minimum limits are guaranteed but not tested on Propagation Delays
Capacitance TA e 25 C f e 10 MHz
Symbol
Parameter
Conditions
Typ
Max
Unit
CIN
Input Capacitance
VIN e 0V
6
10
pF
COUT
Output Capacitance
VOUT e 0V
8
12
pF
Note
This parameter is guaranteed by characterization data and not tested
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74FCT
273
P
C
QR
Temperature Range Family
Special Variations
74FCT e Commercial TTL-Compatible
X e Devices shipped in 13 reels
54FCT e Military TTL-Compatible
QR e Commercial grade device with
burn-in
Device Type
QB e Military grade with
environmental and burn-in
Package Code
processing shipped in tubes
P e Plastic DIP
D e Ceramic DIP
Temperature Range
F e Flatpak
C e Commercial (0 Cto a70 C)
L e Leadless Ceramic Chip Carrier (LCC)
M e Military (b55 Cto a125 C)
S e Small Outline (SOIC)
5


Número de pieza similar - 74FCT273DCQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
74FCT273AT IDT-74FCT273AT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273AT IDT-74FCT273AT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273AT IDT-74FCT273AT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT273CT IDT-74FCT273CT Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Descripción similar - 74FCT273DCQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com