Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD2010T030L0R1 Datasheet(PDF) 7 Page - AVX Corporation |
|
SD2010T030L0R1 Datasheet(HTML) 7 Page - AVX Corporation |
7 / 7 page 7 083116 W F E D1 P P2 P0 A0 D T B0 B1 K0 T2 ~ ~ R Min. User Direction of Feed Bar Code Label Tape and Components Shall Pass Around Radius " R " Without Damage Bending Radius Embossment Embossed Carrier Top Cover tape thickness (t1) 0.10mm( 0.004" ) Max. CARRIER TAPE Tape Size D E P0 A0 B0 K0 T max P2 8, 12 mm 1.50 ± 0.1 1.75 ± 0.1 4.0 ± 0.1 (0.059 ±0.004) (0.069 ± 0.004) (0.157 ± 0.004) See Note 1 0.4 2.0 ± 0.1 16 mm 1.55 ± 0.05 1.75 ± 0.1 4.0 ± 0.1 -0.016 (0.079 ± 0.002) (0.061 ±0.002) (0.069 ± 0.004) (0.157 ± 0.004) EMBOSSED TAPE mm (inches) Product Size Tape Size B1 D1 FP W T2 R Min 0603 8.00 ± 0.30 1.00 ± 0.10 8mm 2.0 max 0.80 ± 0.05 3.50 ± 0.05 (0.315 ± 0.012) (0.039 ± 0.004) 25 0805 (0.079 max) (0.031 ± 0.002) (0.138 ± 0.002) 1.22 ± 0.10 -0.98 (0.048 ± 0.004) 1206 4.00 ± 0.10 1.75 ± 0.1 (0.157 ± 0.004) (0.069 ± 0.004) 1206-S 1.40 ± 0.1 12mm 8.2 max 5.50 ± 0.05 12.00 ± 0.30 (0.055 ± 0.004) 30 2010 (0.323 max) 1.50 min. (0.217 ± 0.002) (0.472 ± 0.012) 1.51 ± 0.10 -1.181 (0.059 min.) (0.059 ± 0.004) 2114 1.65 ± 0.10 8.00 ± 0.10 (0.065 ± 0.004) 3220 16mm 12.1 max 7.50 ± 0.10 (0.315 ± 0.004) 16.00 ± 0.30 2.50 max 40 (0.476 max) (0.295 ± 0.004) (0.630 ± 0.012) (0.098 max) -1.575 NOTES: 1. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm (0.002") Min.to 0.50 mm (0.02") Max. for 8mm tape, and 0.15mm (0.066") Min. to 0.90 mm (0.035") Max. 12 mm tape. 2. All surface mount components are packed in accordance with EIA standard 481-1 and 481-2 REEL DIMENSIONS QUANTITIES Symbol Tape Size φA φB φCW T 0603 8 178 ± 2.0 60 ± 0.5 13.5 ± 0.5 12.0 ± 0.5 9.0 ± 0.5 0805 -0.315 (7.008 ± 0.079) (2.362 ± 0.020) (0.532 ± 0.020) (0.472 ± 0.020) (0.354 ± 0.020) 1206 178 ± 2.0 1206-T 12 (7.008 ± 0.079) 18.7 max 14.4 max 2010 -0.472 50 min 13.0 ± 0.5 (0.736 max) (0.567 max) 2114 330 ± 2.0 (1.969 min) (0.512 ± 0.020) 3220 16 (12.99 ± 0.079) 22.7 max 18.4 max -0.63 (0.893 max) (0.724 max) mm (inches) Size Reel Size Qty/Reel 0603 7" 3,000 0805 1206 1206-T 7" 3,000 2010 2114 13" 5,000 3220 13" 3,000 Schottky Barrier Rectifier Diode Lead-less Chip Form |
Número de pieza similar - SD2010T030L0R1 |
|
Descripción similar - SD2010T030L0R1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |