Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD0805T030L0R1 Datasheet(PDF) 2 Page - AVX Corporation |
|
SD0805T030L0R1 Datasheet(HTML) 2 Page - AVX Corporation |
2 / 7 page 2 083116 ELECTRICAL CHARACTERISTICS Max Max Max Peak Reverse Forward Forward Reverse Current Forward Voltage Vf Voltage Current Surge IRRM Rth JA Rth JL Cj Marking AVX PN Size Current VRRM IF IFSM Typ Max IF Min Max V A A mA mA A V V ºC/W ºC/W pF SD3220S020S3R0 3220 20 3 100 0.025 0.5 3 0.47 0.5 55 17 180 3220 20S3 SD3220S040S3R0 3220 40 3 100 0.025 0.5 3 0.47 0.5 55 17 180 3220 40S3 SD3220S060S3R0 3220 60 3 100 0.025 0.5 3 0.65 0.7 55 17 180 3220 60S3 SD3220S100S3R0 3220 100 3 100 0.025 0.5 3 0.78 0.85 55 17 180 3220 100S3 SD3220S020S5R0 3220 20 5 130 0.045 0.5 5 0.52 0.55 55 17 180 3220 20S5 SD3220S040S5R0 3220 40 5 130 0.045 0.5 5 0.52 0.55 55 17 180 3220 40S5 SD3220S060S5R0 3220 60 5 130 0.045 0.5 5 0.65 0.7 55 17 180 3220 60S5 SD3220S100S5R0 3220 100 5 130 0.045 0.5 5 0.79 0.85 55 17 180 3220 100S5 SD2114S020S3R0 2114 20 3 80 0.04 0.5 3 0.48 0.5 55 17 180 2114 20S3 SD2114S040S3R0 2114 40 3 80 0.04 0.5 3 0.48 0.5 55 17 180 2114 40S3 SD2114S060S3R0 2114 60 3 80 0.04 0.5 3 0.65 0.7 55 17 180 2114 60S3 SD2114S100S3R0 2114 100 3 80 0.04 0.5 3 0.78 0.85 55 17 180 2114 100S3 SD2114S020S5R0 2114 20 5 105 0.045 0.5 5 0.5 0.55 55 17 250 2114 20S5 SD2114S040S5R0 2114 40 5 105 0.045 0.5 5 0.5 0.55 55 17 250 2114 40S5 SD2114S060S5R0 2114 60 5 105 0.045 0.5 5 0.65 0.7 55 17 250 2114 60S5 SD2114S100S5R0 2114 100 5 105 0.045 0.5 5 0.79 0.85 55 17 250 2114 100S5 SD2114S040S8R0 2114 40 8 135 0.045 0.5 8 0.53 0.55 55 17 450 2114 40S8 10S SD2010S020S1R0 2010 20 1 30 0.02 0.2 1 0.47 0.5 88 28 110 20 1 10S SD2010S040S1R0 2010 40 1 30 0.02 0.2 1 0.47 0.5 88 28 110 40 1 10S SD2010S060S1R0 2010 60 1 30 0.02 0.2 1 0.6 0.7 88 28 110 60 1 10S SD2010S100S1R0 2010 100 1 30 0.02 0.2 1 0.76 0.85 88 28 110 100 1 10S SD2010S150S1R0 2010 150 1 30 0.001 0.05 1 0.83 0.88 88 28 110 150 1S 10S SD2010S200S1R0 2010 200 1 30 0.001 0.05 1 0.86 0.9 88 28 110 200 1 10S SD2010S020S2R0 2010 20 2 50 0.025 0.2 2 0.49 0.5 75 17 115 20 2 10S SD2010S040S2R0 2010 40 2 50 0.025 0.2 2 0.49 0.5 75 17 115 40 2 10S SD2010S060S2R0 2010 60 2 50 0.025 0.2 2 0.6 0.7 75 17 115 60 2 Schottky Barrier Rectifier Diode Lead-less Chip Form Schottky Barrier Rectifier Diode Lead-less Chip Form |
Número de pieza similar - SD0805T030L0R1 |
|
Descripción similar - SD0805T030L0R1 |