Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD0803S100L0R1 Datasheet(PDF) 3 Page - AVX Corporation

No. de pieza SD0803S100L0R1
Descripción Electrónicos  Schottky Barrier Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

SD0803S100L0R1 Datasheet(HTML) 3 Page - AVX Corporation

  SD0803S100L0R1 Datasheet HTML 1Page - AVX Corporation SD0803S100L0R1 Datasheet HTML 2Page - AVX Corporation SD0803S100L0R1 Datasheet HTML 3Page - AVX Corporation SD0803S100L0R1 Datasheet HTML 4Page - AVX Corporation SD0803S100L0R1 Datasheet HTML 5Page - AVX Corporation SD0803S100L0R1 Datasheet HTML 6Page - AVX Corporation SD0803S100L0R1 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
083116
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Max
Max
Max Peak
Reverse
Forward
Forward
Reverse Current
Forward Voltage Vf
Voltage
Current
Surge
IRRM
Rth JA
Rth JL
Cj
Marking
AVX PN
Size
Current
VRRM
IF
IFSM
Typ
Max
IF
Min
Max
V
A
A
mA
mA
A
V
V
ºC/W
ºC/W
pF
10S
SD2010S100S2R0
2010
100
2
50
0.025
0.2
2
0.75
0.85
75
17
115
100
2
10S
SD2010S150S2R0
2010
150
2
50
0.001
0.2
2
0.83
0.88
88
28
110
150
2
10S
SD2010S200S2R0
2010
200
2
50
0.001
0.2
2
0.86
0.9
88
28
110
200
2
10S
SD2010S020S3R0
2010
20
3
80
0.02
0.2
3
0.46
0.5
86
24
120
20
3
10S
SD2010S040S3R0
2010
40
3
80
0.02
0.2
3
0.46
0.5
86
24
120
40
3
10S
SD2010S060S3R0
2010
60
3
80
0.02
0.2
3
0.58
0.7
86
24
120
60
3
10S
SD2010S100S3R0
2010
100
3
80
0.02
0.2
3
0.75
0.85
86
24
120
100
3
10S
SD2010S150S3R0
2010
150
3
80
0.001
0.05
3
0.83
0.88
88
28
110
150
3
10S
SD2010S200S3R0
2010
200
3
80
0.001
0.05
3
0.86
0.9
88
28
110
200
3
10S
SD2010S030S5R0
2010
30
5
80 
0.2 
3
0.42
0.44
55
17
210
30
5
10L
SD2010S020L1R0
2010
20
1
30
0.35
1
1
0.37
0.38
55
17
115
20
1
10L
SD2010S040L1R0
2010
40
1
30
0.35
1
1
0.37
0.38
55
17
115
40
1
10L
SD2010S020L2R0
2010
20
2
50
0.28
1
2
0.39
0.4
70
17
115
20
2
10L
SD2010S040L2R0
2010
40
2
50
0.28
1
2
0.39
0.4
70
17
115
40
2
10L
SD2010S020L3R0
2010
20
3
80
0.55
1
3
0.39
0.42
55
17
120
20
3
10L
SD2010S040L3R0
2010
40
3
80
0.55
1
3
0.39
0.42
55
17
120
40
3
10L
SD2010S030L3R0
2010
30
3
70 
0.08
0.2
3
0.42
0.44
55
17
120
30
3
SD1206S020S0R5
1206
20
0.5
15
0.01
0.05
0.5
0.4
0.42
88
28
120
B2 ·
SD1206S040S0R5
1206
40
0.5
15
0.01
0.05
0.5
0.45
0.48
88
28
120
B4 ·
SD1206S020S1R0
1206
20
1
20
0.015
0.2
1
0.46
0.5
88
28
110
A2 .
SD1206S040S1R0
1206
40
1
20
0.015
0.2
1
0.46
0.5
88
28
110
A4 .
SD1206S060S1R0
1206
60
1
20
0.015
0.2
1
0.62
0.7
88
28
110
A6 .
SD1206S100S1R0
1206
100
1
20
0.015
0.2
1
0.76
0.85
88
28
110
A10 .
SD1206S020S2R0
1206
20
2
40
0.03
0.2
2
0.47
0.5
75
17
115
L2 .
SD1206S040S2R0
1206
40
2
40
0.03
0.2
2
0.47
0.5
75
17
115
L4 .
SD1206S060S2R0
1206
60
2
40
0.03
0.2
2
0.58
0.7
75
17
115
L6 .
SD1206S100S2R0
1206
100
2
40
0.03
0.2
2
0.75
0.85
75
17
115
L10 .
SD1206S020L1R0
1206
20
1
25
0.3
1
1
0.37
0.38
88
28
115
A2L .
SD1206S040L1R0
1206
40
1
25
0.3
1
1
0.37
0.38
88
28
115
A4L .


Número de pieza similar - SD0803S100L0R1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Photonix, Inc.
SD0800-3111-111 ADVANCEDPHOTONIX-SD0800-3111-111 Datasheet
215Kb / 3P
   The SD0800-3111-111 is a high sensitivity, low noise, 1 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications.
logo
Shanghai Shunye Electro...
SD0805052 SY-SD0805052 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SD0805053 SY-SD0805053 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SD0805054 SY-SD0805054 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SD0803S100L0R1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD2114S040S8R0 AVX-SD2114S040S8R0 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com