Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5530 Datasheet(PDF) 9 Page - Analog Devices |
|
AD5530 Datasheet(HTML) 9 Page - Analog Devices |
9 / 16 page REV. 0 AD5530/AD5531 –9– REFIN VOLTAGE – V 3 2.0 –2 –3 –1 0 1 2 6.0 VDD = +15V VSS = –15V REFAGND = 0V TA = +25 C 2.5 3.0 3.5 4.0 4.5 5.0 5.5 NEGATIVE INL POSITIVE INL TPC 7. AD5531 Typical INL Error vs. Reference Voltage TEMPERATURE – C 0 –40 –2.0 –2.5 –1.5 –1.0 –0.5 –20 0 20406080 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TPC 8. Typical Full-Scale and Offset Error vs. Temperature VDD/VSS – V 1.50 10 1.25 1.20 1.30 1.35 1.40 1.45 17 11 12 13 14 15 16 +85 C +25 C –40 C TPC 9. IDD vs. VDD /VSS SUPPLY VOLTAGE – V 0.03 10 0.01 0 0.02 17 11 12 13 14 15 16 +85 C +25 C –40 C TPC 10. IDD in Power-Down vs. Supply 12 0 –12 0 8 4 –4 –8 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TA = +25 C 5 s/div TIME – s TPC 11. Settling Time TIME – 750ns/DIV 0 –0.14 –0.16 –0.08 –0.02 –0.04 –0.06 –0.10 –0.12 VDD = +15V VSS = –15V REFIN = +5V REFAGND = 0V TA = +25 C TPC 12. Typical Digital-to-Analog Glitch Impulse |
Número de pieza similar - AD5530 |
|
Descripción similar - AD5530 |