Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYS459-1500 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza BYS459-1500
Descripción Electrónicos  High Voltage Damper Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYS459-1500 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYS459-1500 Datasheet HTML 1Page - Vishay Siliconix BYS459-1500 Datasheet HTML 2Page - Vishay Siliconix BYS459-1500 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
1200 1400 1600
0.1
1
10
100
150
175
125
100
75
50
25
0
2
4
6
8
10
12
0.01
0.1
1
10
100
1000
Fig. 4 – Typical Reverse Current
Fig. 1 – Forward Current
Derating Curve
Fig. 3 – Typical Forward Voltage
VF Instantaneous Voltage (V)
Tc - Case Temperature (
°C)
Number of Cycles at 60 HZ
0
2
4
6
8
10
12
0
50
100
150
200
250
300
350
400
450
Fig. 6 – Typical Reverse
Recovery Time
IF, Forward Current (A)
VR Reverse Voltage (V)
VR, Reverse Voltage (V)
Fig. 5 – Typical Capacitance
0.1
1
10
100
1
10
100
1000
0
40
60
80
100
120
140
20
1
100
10
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
BYS459-1500
BYS459B-1500
BYS459F-1500
TJ = 125°C
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 25°C
di/dt = 50A/
µs
di/dt = 100A/
µs
BYS459-1500, BYS459F-1500, BYS459B-1500
Vishay Semiconductors
formerly General Semiconductor
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Document Number 88550
www.vishay.com
25-Jul-02
3


Número de pieza similar - BYS459-1500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
BYS459-1500-E3/45 VISHAY-BYS459-1500-E3/45 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
BYS459-1500S VISHAY-BYS459-1500S Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
BYS459-1500S VISHAY-BYS459-1500S Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
More results

Descripción similar - BYS459-1500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYS459-1500S VISHAY-BYS459-1500S_07 Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
DTV32 VISHAY-DTV32_11 Datasheet
123Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
BYS459-1500S VISHAY-BYS459-1500S_11 Datasheet
124Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV56 VISHAY-DTV56 Datasheet
141Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
DTV56 VISHAY-DTV56_11 Datasheet
126Kb / 5P
   High Voltage Damper Diodes
Revision: 14-Jan-11
DTV32 VISHAY-DTV32 Datasheet
146Kb / 4P
   High Voltage Damper Diodes
02-Nov-04
BYS459-1500S VISHAY-BYS459-1500S Datasheet
45Kb / 3P
   High Voltage Damper Diodes
30-Jul-02
DTV32 VISHAY-DTV32_08 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 07-Nov-07
BYS459-1500 VISHAY-BYS459-1500_07 Datasheet
143Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
   HIGH FREQUENCIES DAMPER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com