Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8904-CM3 Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS8904-CM3
Descripción Electrónicos  ETHERNET TRANSCEIVER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904-CM3 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8904-CM3 Datasheet HTML 6Page - Cirrus Logic CS8904-CM3 Datasheet HTML 7Page - Cirrus Logic CS8904-CM3 Datasheet HTML 8Page - Cirrus Logic CS8904-CM3 Datasheet HTML 9Page - Cirrus Logic CS8904-CM3 Datasheet HTML 10Page - Cirrus Logic CS8904-CM3 Datasheet HTML 11Page - Cirrus Logic CS8904-CM3 Datasheet HTML 12Page - Cirrus Logic CS8904-CM3 Datasheet HTML 13Page - Cirrus Logic CS8904-CM3 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
DS191PP2
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
MODE[0:2] - Mode Select. Input, Pins 89, 88, and 64.
Selects the controller compatibility mode. See Table 1.
RES - Reference Resistor. Input, Pin 16.
A 4.99 k
Ω ±1% resister should be connected between this input and ground.
AVDD - Analog Power. Power, Pin 14.
Provides power to the analog circuits of the CS8904.
AVSS0, AVSS1 - Analog Ground. Ground, Pins 15 and 65.
Provides a ground reference (0 V) to the analog circuits of the CS8904.
DVDD0, DVDD1 - Digital Power. Power, Pins 91 and 40.
Provides power to the digital circuits of the CS8904.
DVSS0, DVSS1 - Digital Ground. Ground, Pins 92 and 41.
Provides a ground reference (0 V) to the digital circuits of the CS8904.
TVDD[0:3] - Transmitter Analog Power. Power, Pins 13, 67, 63, and 17.
Provides power to the transmitter analog circuits of the CS8904.
TVSS[0:3] - Digital Ground. Ground, Pins 12, 68, 62, and 18.
Provides a ground reference (0 V) to the transmitter analog circuits of the CS8904.
RVDD[0:3] - Receiver Analog Power. Power, Pins 8, 72, 58, and 22.
Provides power to the receiver analog circuits of the CS8904.
RVSS[0:3] - Receiver Analog Ground. Ground, Pins 9, 71, 59, and 21.
Provides a ground reference (0 V) to the receiver analog circuits of the CS8904.
DSUB - Ground. Ground, Pin 90.
Provides ground to the substrate layer of the CS8904.


Número de pieza similar - CS8904-CM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pulse A Technitrol Comp...
CS8900 PULSE-CS8900 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Cirrus Logic
CS8900-CQ3 CIRRUS-CS8900-CQ3 Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A-CQ CIRRUS-CS8900A-CQ Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A-CQ CIRRUS-CS8900A-CQ Datasheet
2Mb / 137P
   Crystal LAN TM ISA Ethernet Controller
More results

Descripción similar - CS8904-CM3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com