Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA1-B0-34-610-121 Datasheet(PDF) 6 Page - Carling Technologies

No. de pieza BA1-B0-34-610-121
Descripción Electrónicos  CIRUIT BREAKER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CARLINGTECH [Carling Technologies]
Página de inicio  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

BA1-B0-34-610-121 Datasheet(HTML) 6 Page - Carling Technologies

Back Button BA1-B0-34-610-121 Datasheet HTML 2Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 3Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 4Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 5Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 6Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 7Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 8Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 9Page - Carling Technologies BA1-B0-34-610-121 Datasheet HTML 10Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
60 Johnson Avenue • Plainville, CT 06062 • Phone: (860) 793–9281 • Fax: (860) 793–9231
Email: sales@carlingtech.com • www.carlingtech.com
6 | B-Series Handle UL Recognized – Ordering Scheme
1
Series
2
Actuator
3
Poles
5
Aux/Alarm
Switch
6
Frequency
& Delay
7
Current Rating
8
Terminal
9
Actuator
Color
10
Mounting/
Barriers
11
Agency
Approval
4
Circuit
B A
B
1
1
3
0
B
C
10 450
1 SERIES
B
2 ACTUATOR
A
Handle, one per pole
B
Handle, one per multipole unit
S
Mid-Trip Handle, one per pole
T
Mid-Trip Handle, one per pole & Alarm Switch
8 TERMINAL9
110 Push-On 0.250 Tab (Q.C.)
2
Screw 8-32 w/upturned lugs
311
Screw 8-32 (Bus Type)
4
Screw 10-32 w/upturned lugs
511
Screw 10-32 (Bus Type)
6
Screw 8-32 w/upturned lugs
and 30° bend
7
Screw 8-32 (Bus Type) and
30° bend
8
Screw 10-32 w/upturned lugs
and 30° bend
9
Screw 10-32 (Bus Type) and
30° bend
B
Screw M5 w/upturned lugs
C
Screw M4 w/upturned lugs
E11 Screw M4 (Bus Type)
F
Screw M5 w/upturned lugs
and 30° bend
G
Screw M5 (Bus Type)
and 30° bend
H
Screw M5 (Bus Type)
J
Screw M5 Back Connect
K
Screw 10-32 Back Connect
L12 0.250 Q.C./ Solder Lug
M11 M6 Threaded Stud
N
Screw M4 Back Connect
P13 Printed Circuit Board
Terminals
Q16 Push-In Stud
R
Screw M4 w/upturned lugs
and 30° bend
S15 Push-On 0.110 Tab (Q.C.)
T
Screw M4 (Bus Type)
and 30° bend
Y
Screw 8-32 Back Connect
10 MOUNTING/BARRIERS
MOUNTING STYLE
BARRIERS
Threaded Insert, 2 per pole
1
6-32 x 0.195 inches
no
A
6-32 x 0.195 inches (multi-pole units only)
yes
2
ISO M3 x 5mm
no
B
ISO M3 x 5mm
yes
Rectangular Adapter Plate with mounting centers of 2.062 inches
[52.37mm] and Threaded insert, 2 per pole
314
6-32 x 0.225 inches
no
C14 6-32 X 0.225 inches (multi-pole units only)
yes
414
ISO M3 x 6.5mm
no
D14 ISO M3 x 6.5mm
yes
Front panel Snap-In, 0.75” [19.05mm] wide bezel
5
without Handleguard
no
6
without Handleguard (multipole only)
yes
Front panel Snap-In, 0.96” wide bezel
7
without Handleguard, 1-pole 0.96” wide;
no
multipole units have .105” bezel overhang on all sides
8
without Handleguard, 1-pole 0.96” wide;
yes
(multipole only) .105” bezel overhang on all sides
3 POLES
1
One
2
Two
3
Three
4
Four
5
Five
6
Six
5 AUXILIARY/ALARM SWITCH5
0
w/o Aux Switch
1
S.P.D.T., 0.093 Q.C. Term.
2
S.P.D.T., 0.110 Q.C. Term.
3
S.P.D.T., 0.110 Solder Lug
4
S.P.D.T., 0.110 Q.C. Term.
(Gold Contacts)
5
S.P.S.T., 0.093 Q.C. Term.
(Gold Contacts)
6
S.P.S.T., 0.110 Solder Lug
7
S.P.S.T., 0.110 Q.C. Term.
(Gold Contacts)
8
S.P.S.T., 0.187 Q.C. Term.
9
S.P.D.T., 0.187 Q.C. Term.
6 FREQUENCY & DELAY
032
DC 50/60Hz, Switch Only
106
DC Instantaneous
11
DC Ultra Short
12
DC Short
14
DC Medium
16
DC Long
206
50/60Hz Instantaneous
21
50/60Hz Ultra Short
22
50/60Hz Short
24
50/60Hz Medium
26
50/60Hz Long
30
DC, 50/60Hz Instantaneous
31
DC, 50/60Hz Ultra Short
32
DC, 50/60Hz Short
34
DC, 50/60Hz Medium
36
DC, 50/60Hz Long
427
50/60Hz Short, Hi-Inrush
447
50/60Hz Medium, Hi-Inrush
467
50/60Hz Long, Hi-Inrush
527
DC, Short,Hi-Inrush
547
DC, Medium, Hi-Inrush
567
DC, Long, Hi-Inrush
7 CURRENT RATING (AMPERES)
OR VOLTAGE COIL (NORMAL RATED VOLTAGE)6
020 0.020
025 0.025
030 0.030
035 0.035
040 0.040
045 0.045
050 0.050
055 0.055
060 0.060
065 0.065
070 0.070
075 0.075
080 0.080
085 0.085
090 0.090
095 0.095
210 0.100
215 0.150
220 0.200
225 0.250
230 0.300
235 0.350
240 0.400
245 0.450
250 0.500
255 0.550
260 0.600
265 0.650
270 0.700
275 0.750
280 0.800
285 0.850
290 0.900
295 0.950
410 1.000
512 1.250
415 1.500
517 1.750
420 2.000
522 2.250
527 2.750
430 3.000
435 3.500
440 4.000
445 4.500
450 5.000
455 5.500
460 6.000
465 6.500
470 7.000
475 7.500
480 8.000
485 8.500
490 9.000
495 9.500
610 10.000
710 10.500
611
11.000
711
11.500
612
12.000
712
12.500
613
13.000
614
14.000
615
15.000
616
16.000
617
17.000
618
18.000
620
20.000
622
22.000
624
24.000
625
25.000
630
30.000
6358 35.000
6408 40.000
6458 45.000
6508 50.000
CODE AMPERES
A06 6 DC
A12 12 DC
A18 18 DC
A24 24 DC
A32 32 DC
A48 48 DC
A65 65 DC
J06
6 AC
J12 12 AC
J18 18 AC
J24 24 AC
J48 48 AC
J65
65 AC
K20 120 AC
L40 240 AC
11 AGENCY APPROVAL
C
UL Recognized & CSA Accepted
D
VDE Certified, UL Recognized & CSA Accepted
E
TUV Certified, UL Recognized & CSA Accepted
I
UL Rec. STD 1077, UL Rec. 1500 (ignition protected), & CSA Accepted
9 ACTUATOR COLOR & LEGEND
Actuator Color
I-O
ON-OFF
Dual
Legend Color
White
A
B
1
Black
Black
C
D
2
White
Red
F
G
3
White
Green
H
J
4
White
Blue
K
L
5
White
Yellow
M
N
6
Black
Gray
P
Q
7
Black
Orange
R
S
8
Black
Notes:
1
Actuator Code:
A: Handle tie pin spacer(s) and retainers provided unassembled with multi-pole units.
B: Handle location as viewed from front of breaker:
2 pole - left pole
3 pole - center pole
4 pole - two handles at center poles
5 pole - three handles at center poles
6 pole - four handles at center poles
S: Handle moves to mid-position only upon electrical trip of the breaker. Available with circuit
codes B, C, D, E, F, G, H and K.
T: Handle moves to mid-position and alarm switch activates only upon electrical trip of the
breaker. Available with circuit codes B & C.
2
Switch Only circuits, rated up to 50 amps and 6 poles, and only available with VDE
Certification when tied to a protected pole (Circuit Code B, C, D or H.), For .02 to 30 amps,
select Current Code 630. For 35 - 50 amps, select Current Code 650.
3
Available with Terminal Codes 1, 2 and 3. Current Rating limited to 30 amps maximum.
4
Consult factory for available Dual Coil options, as special catalog number is required. With
Shunt construction, Dual Coils will trip instantaneously on line voltage. Dual coils require
30VA minimum power to trip and are rated for intermittent duty only.
5
Auxiliary Switch breakers with Series Trip and Switch Only circuits. On multi-pole breakers,
one aux. switch is supplied, mounted in the extreme right pole.
6
Separate pole type voltage coils not rated for continuous duty. Available only with delay
codes 10 and 20.
7
Available with Circuit Codes B & D only. VDE Certified to 30 amps. UL Recognized and
CSAAccepted to 50 amps.
8
VDE Certification available with single pole breakers with DC Delay only. UL Recognition
and CSAAccepted available in one and two pole breakers.
9
Screw Terminals are recommended on ratings greater than 20 amps. Ratings over 30 amps
are only available with Terminal Codes 5, 9, G, H, J, K, M and Q.
10 VDE Certification up to 25 amps and UL Recognition and CSAAcceptance up to 30 amps,
but not recommended over 20 amps.
11 Terminal Codes 3, 5 E and H (Bus Type) with VDE, are supplied with Lock Washers, and
Terminal Code M (M6 Threaded Stud) with VDE is supplied with Lock and Flat Washers.
These breakers are only VDE Certified when the washers are used.
12 VDE Cert. available up to 12 amps. UL Rec. & CSAAcceptance available up to 30 amps.
13 Single pole breakers with Terminal Code P (Printed Circuit Board) are available up to 30
amps with VDE Certification and 50 amps with UL Recognition and CSAAcceptance, with
Circuit Codes A, B and C. Two pole breakers with Terminal Code P (Printed Circuit Board)
are available up to 40 amps with UL Recognition and CSAAcceptance with Circuit Codes
A, B and C.
14 Available with Actuator Codes A, S and T.
15 Available with voltage coils only.
16 Terminal Code Q not available with VDE approvals.
4 CIRCUIT
A2
Switch Only (No Coil)
B
Series Trip (Current)
C
Series Trip (Voltage)
D3
Shunt Trip (Current)
E3
Shunt Trip (Voltage)
F3
Relay Trip (Current)
G3
Relay Trip (Voltage)
H3,4 Dual Coil with Shunt Trip
Voltage Coil
H3,4 Dual Coil with Shunt Trip
Voltage Coil (side terminal)
K3,4 Dual Coil with Relay Trip
Voltage Coil


Número de pieza similar - BA1-B0-34-610-121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
List of Unclassifed Man...
BA101 ETC-BA101 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA102 ETC-BA102 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA103 ETC-BA103 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Rohm
BA10324 ROHM-BA10324 Datasheet
61Kb / 5P
   Quad ground sense operational
More results

Descripción similar - BA1-B0-34-610-121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Carling Technologies
AA1-B0-34-615-1B1 CARLINGTECH-AA1-B0-34-615-1B1 Datasheet
3Mb / 28P
   CIRUIT BREAKER
logo
Rohm
BH7623KS2 ROHM-BH7623KS2 Datasheet
674Kb / 25P
   Slilcon Monolithic integrated ciruit
logo
International Rectifier
IRG4BC30K-SPBF IRF-IRG4BC30K-SPBF Datasheet
271Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
logo
Molex Electronics Ltd.
0194180008 MOLEX4-0194180008 Datasheet
101Kb / 2P
   MX150L??2 Ciruit Receptacle for 18 to 22 AWG Wire
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com