Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA1-B0-34-630-121 Datasheet(PDF) 10 Page - Carling Technologies

No. de pieza CA1-B0-34-630-121
Descripción Electrónicos  CIRCUIT BREAKER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CARLINGTECH [Carling Technologies]
Página de inicio  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CA1-B0-34-630-121 Datasheet(HTML) 10 Page - Carling Technologies

Back Button CA1-B0-34-630-121 Datasheet HTML 6Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 7Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 8Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 9Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 10Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 11Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 12Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 13Page - Carling Technologies CA1-B0-34-630-121 Datasheet HTML 14Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
10 | C-Series Handle UL489 Listed – Ordering Scheme
1
Series
2
Actuator
3
Poles
5
Aux/Alarm
Switch
6
Frequency
& Delay
7
Current Rating
8
Terminal
9
Actuator
Color
10
Mounting/
Barriers
11
Max. App.
Rating
12
Agency
Approval
4
Circuit
C A
B
1
1
3
0
2
K G
14 450
1 SERIES
C
2 ACTUATOR1
A
Handle, one per pole
B
Handle, one per multipole unit
S
Mid-Trip Handle, one per pole
T
Mid-Trip, one per pole & Alarm Switch
8 TERMINAL6
17
Stud 10-32
28
Screw 10-32
39
Stud 1/4-20
48
Stud M5 x 0.8
58
Screw M5 x 0.8
69
Stud M6
99
7/16” Clip Terminal
A10
Plug-In Stud
C8
5/16” Clip Terminal
3 POLES2
1
One
2
Two
3
Three
4 CIRCUIT
B
Series Trip (current)
6 FREQUENCY & DELAY
11
DC Ultra Short
12
DC Short
14
DC Medium
16
DC Long
21
50/60Hz Ultra Short
22
50/60Hz Short
24
50/60Hz Medium
26
50/60Hz Long
424 50/60Hz Short, Hi-Inrush
444 50/60Hz Medium, Hi-Inrush
464 50/60Hz Long, Hi-Inrush
524 DC Short, Hi-Inrush
544 DC Medium, Hi-Inrush
564 DC Long, Hi-Inrush
7 CURRENT RATING (AMPERES)5
210 0.100
215 0.150
220 0.200
225 0.250
230 0.300
235 0.350
240 0.400
245 0.450
250 0.500
255 0.550
260 0.600
265 0.650
270 0.700
275 0.750
280 0.800
285 0.850
290 0.900
295 0.950
410 1.000
512 1.250
415 1.500
517 1.750
420 2.000
522 2.250
425 2.500
527 2.750
430 3.000
435 3.500
440 4.000
445 4.500
450 5.000
455 5.500
460 6.000
465 6.500
470 7.000
475 7.500
480 8.000
485 8.500
490 9.000
495 9.500
610 10.000
710 10.500
611 11.000
711 11.500
612 12.000
712 12.500
613 13.000
614 14.000
615 15.000
616 16.000
617 17.000
618 18.000
620 20.000
622 22.000
624 24.000
625 25.000
630 30.000
635 35.000
640 40.000
660 60.000
670 70.000
680 80.000
685 85.000
690 90.000
695 95.000
810 100.000
CODE AMPERES
11 MAXIMUM APPLICATION RATING
A
65 DC
B
125 DC
C
120/240 AC2
D
240 AC
K
120 AC
F
277 AC
M
80 DC
Notes:
1
Actuator Code:
A: Handle tie pin spacer(s) and retainers provided assembled with multi-pole units.
B: Handle located, as viewed from front of breaker in left pole. 2 pole maximum.
S: Handle moves to mid-position only upon electrical trip of the breaker.
T: Handle moves to mid-position and alarm switch activates only upon electrical trip
of the breaker.
2
Standard multipole units have all poles identical except when specifying auxiliary
switch and/or mixed poles.
2 & 3 pole circuit breakers required for 120/240 VAC (Maximum application rating
code C) applications, have all poles identical except when specifying auxiliary /
alarmswitchwhichisnormallysuppliedinextremerightpoleperfigureB.Terminal
barriers are required on all multipole breakers.
Third pole is for 120/240 VAC applications requiring neutral disconnect. The 3rd
pole has the same construction as poles 1 & 2.
3
On multi-pole breakers, one auxiliary. switch is supplied, mounted in the extreme
right pole.
VDE approval on auxiliary switch codes 2, 3 & 4 only.
Auxiliary / Alarm Switch with Independent Circuit ie: separate from breaker circuit,
only available with circuit breakers rated 50 amp maximum at 80 VDC, 125 VDC,
and 120 VAC. Auxiliary / Alarm Switch with Dependent Circuit ie: same as circuit
breaker, is supplied from factory with common terminal of auxiliary / alarm switch
connected to line terminal on 120/240 and 240 VAC ratings. Circuit breakers rated
120 VAC 50 amp maximum can be supplied with Auxiliary/Alarm switch common
terminal connected to breaker line terminal. Consult factory for special catalog
number.
4
Available up to 50 amps maximum.
5
Current ratings 71 - 100 with VDE approvals are available up to two poles
maximum.
6
Terminal Codes 9 & C are not VDE approved.
7
Terminal Code 1 available to 60 amps maximum.
8
Terminal Codes 2, 4, 5 & C available to 50 amps maximum.
9
Terminal Codes 3, 6 & 9 available to 100 amps maximum.
10 Terminal Code A available to 100 amps maximum.
11 VDE and TUV approvals require Dual (I-O, ON-OFF) markings on all handles.
12 Barriers supplied on multi-pole units only.
9 ACTUATOR COLOR & LEGEND11
Actuator Color
ON-OFF
Dual
Legend Color
White
B
1
Black
Black
D
2
White
Red
G
3
White
Green
J
4
White
Blue
L
5
White
Yellow
N
6
Black
Gray
Q
7
Black
Orange
S
8
Black
10 MOUNTING/BARRIERS
MOUNTING STYLE
BARRIERS12
Threaded Insert
1
6-32 x 0.195 inches
yes
2
ISO M3 x 5mm
yes
12 AGENCY APPROVAL11
A
w/o approvals
F
UL489Listed,CSACertified&VDECertified
G
UL489Listed&CSACertified
J
UL489Listed,CSACertified&TUVCertified
5 AUXILIARY/ALARM SWITCH3
0
without Aux Switch
2
S.P.D.T., 0.110 Q.C. Term.
3
S.P.D.T., 0.139 Solder Lug
4
S.P.D.T., 0.110 Q.C. Term.
(Gold Contacts)
6
S.P.S.T., 0.139 Solder Lug
8
S.P.S.T., 0.187 Q.C. Term.
9
S.P.D.T., 0.187 Q.C. Term.


Número de pieza similar - CA1-B0-34-630-121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
CA1-12V-C PANASONIC-CA1-12V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-12V-N PANASONIC-CA1-12V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-C PANASONIC-CA1-24V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-N PANASONIC-CA1-24V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
Nais(Matsushita Electri...
CA1-DC12V-C NAIS-CA1-DC12V-C Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results

Descripción similar - CA1-B0-34-630-121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com