Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD2098 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza 2SD2098
Descripción Electrónicos  Low VCE(sat) Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SD2098 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SD2098 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SD2098 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SD2098 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Low VCE(sat) Transistor
2SD2098
E062
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
50
V
Collector-emitter breakdown voltage V(BR)CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=40V,IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.5
μA
DC current gain
hFE
VCE=2V,IC=0.5A
120
390
Collector-emitter saturation voltage
VCE(sat)
IC=4A, IB=0.1A
0.25
1.0
V
Transition frequency
fT
VCE=6V,IC=50mA,
f=100MHz
150
MHz
Collector output capacitance
Cob
VCB=20V,IE=0,f=1MHz
30
pF
CLASSIFICATION OF hFE
Rank
Q
R
Range
120-270
180-390
MARKING
AHQ
AHR
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Número de pieza similar - 2SD2098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SD2098 ROHM-2SD2098 Datasheet
159Kb / 4P
   Low VCE(sat) Transistor(Strobe flash)
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
logo
Rohm
2SD2098 ROHM-2SD2098 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
SeCoS Halbleitertechnol...
2SD2098 SECOS-2SD2098 Datasheet
868Kb / 3P
   NPN Silicon Epitaxial Planar Tra nsistor
More results

Descripción similar - 2SD2098

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
   Low VCE(sat) Transistor
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
   Low VCE(sat) Transistor
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
   Low VCE(sat) Transistor
logo
Unisonic Technologies
2SB1424 UTC-2SB1424 Datasheet
150Kb / 2P
   LOW VCE(SAT) TRANSISTOR
logo
Guangdong Kexin Industr...
2SD2118 KEXIN-2SD2118 Datasheet
40Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SB1424 BILIN-2SB1424 Datasheet
187Kb / 4P
   Low VCE(sat) Transistor
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
   Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
   Low Vce(sat) NPN Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com