Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744776247 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744776247
Descripción Electrónicos  WE-PD2 SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744776247 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744776247_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744776247_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.4
1.3
1.2
1.1
1.0
REV
2015-05-18
2014-06-23
2014-03-26
2013-04-18
2004-10-11
DATE
SSt
SSt
SSt
SSt
MST
BY
ALa
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD2 SMD Power Inductor
Order.- No.
744776247
SIZE
A4
Size: 1054
A Dimensions: [mm]
Reference on drawing
Marking
Description
Start of winding
471 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
10 kHz/ 100 mV
∆T = 40 K
|ΔL/L| < 10%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
470
0.44
0.5
0.969
1.48
3.4
Unit
µH
A
A
Ω
Ω
MHz
Tol.
±10%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744776247_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744776247 WURTH-744776247 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
More results

Descripción similar - 744776247_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744773018 WURTH-744773018_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447745012 WURTH-7447745012_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
74477450012 WURTH-74477450012_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447732122 WURTH-7447732122 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
7447732068 WURTH-7447732068 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
74477510 WURTH-74477510_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447732022 WURTH-7447732022 Datasheet
468Kb / 6P
   WE-PD2 SMD Power Inductor
001.000
74477450027 WURTH-74477450027_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
7447732047 WURTH-7447732047 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
7447732110 WURTH-7447732110 Datasheet
483Kb / 6P
   WE-PD2 SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com