Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST25RU3993 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza ST25RU3993
Descripción Electrónicos  Integrated supply regulators
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25RU3993 Datasheet(HTML) 1 Page - STMicroelectronics

  ST25RU3993 Datasheet HTML 1Page - STMicroelectronics ST25RU3993 Datasheet HTML 2Page - STMicroelectronics ST25RU3993 Datasheet HTML 3Page - STMicroelectronics ST25RU3993 Datasheet HTML 4Page - STMicroelectronics ST25RU3993 Datasheet HTML 5Page - STMicroelectronics ST25RU3993 Datasheet HTML 6Page - STMicroelectronics ST25RU3993 Datasheet HTML 7Page - STMicroelectronics ST25RU3993 Datasheet HTML 8Page - STMicroelectronics ST25RU3993 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
This is information on a product in full production.
March 2017
DocID029764 Rev 5
1/90
ST25RU3993
UHF RFID single chip reader EPC Class1 Gen2 compatible
Datasheet
- production data
Features
• Supply voltage range 3.0 to 3.6 V
– Limited operation possible down to 2.7 V
– Maximum PA supply voltage 4.3 V
– Peripheral I/O supply range 1.65 to 5.5 V
• Protocol support for:
– ISO 18000-6C (EPC Class1 Gen2)
– ISO 29143 (Air interface for mobile RFID)
– ISO 18000-6A/B through direct mode
• DRM: 250 kHz and 320 kHz filters for M4 and
M8
• Integrated supply regulators
• Frequency hopping support
• ASK or PR-ASK modulation
• Automatic I/Q selection
• Phase bit for tag tracking with 8-bit linear RSSI
• Temperature range: -40 °C to 85 °C
• 48-pin QFN (7x7x0.9 mm) package
Description
The ST25RU3993 is an EPC Class 1 Gen 2 RFID
reader IC that implements all the relevant
protocols, including ISO 18000-6C, the ISO
29143 air-interface protocol for mobile RFID
interrogators, and ISO 18000-6A/B for operation
in direct mode. It includes an on-chip VCO and a
power amplifier, and offers a complete set of
RFID features including Dense Reader Mode
(DRM) functionality and support for frequency-
hopping, low-level transmission coding, low-level
decode, data framing and CRC checking.
The ST25RU3993 operates at very low-power,
making it suitable for use in portable and battery-
powered equipment such as mobile phones.
Packaged in a 7x7 mm QFN, the ST25RU3993 is
able to deliver very high sensitivity and provides
high immunity against the effects of antenna
reflection and self-jamming. This is critical in
mobile and embedded applications, in which
antenna design is often compromised by cost or
size constraints. High sensitivity enables the end-
products to achieve their required read range
while using a simpler and cheaper antenna, thus
reducing overall system cost.
Thanks to its high level of integration, the
ST25RU3993 requires only an external 8-bit
microcontroller to create a complete RFID reader
system, thus eliminating the need for a complex
RFID co-processor.
QFN48
www.st.com


Número de pieza similar - ST25RU3993

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST25RU3993 STMICROELECTRONICS-ST25RU3993 Datasheet
1Mb / 90P
   RAIN짰 RFID single chip reader EPC Class1 Gen2 compatible
April 2021
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
   ST25RU3993 RAIN짰 (UHF) RFID reader IC evaluation board
Rev 4 - October 2019
ST25RU3993-HPEV STMICROELECTRONICS-ST25RU3993-HPEV Datasheet
489Kb / 9P
   High-power RFID reader system
November 2020 Rev 2
ST25RU3993 STMICROELECTRONICS-ST25RU3993_V01 Datasheet
1Mb / 90P
   RAIN짰 RFID single chip reader EPC Class1 Gen2 compatible
April 2021
More results

Descripción similar - ST25RU3993

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33998 FREESCALE-MC33998 Datasheet
442Kb / 20P
   Switching Power Supply with Linear Regulators
MC33998 FREESCALE-MC33998_06 Datasheet
623Kb / 20P
   Switching Power Supply with Linear Regulators
33997 FREESCALE-33997 Datasheet
455Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Motorola, Inc
MC33997 MOTOROLA-MC33997 Datasheet
454Kb / 20P
   Switching Power Supply with Linear Regulators
logo
Allegro MicroSystems
A8281SLB ALLEGRO-A8281SLB Datasheet
375Kb / 14P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATORS
logo
Texas Instruments
TPS71501-Q1 TI1-TPS71501-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
logo
Vishay Siliconix
SIC401AB VISHAY-SIC401AB Datasheet
4Mb / 12P
   microBUCK짰 Highly Integrated Synchronous Buck Regulators
2012
logo
Allegro MicroSystems
A8302 ALLEGRO-A8302 Datasheet
1Mb / 45P
   Dual LNB Supply and Control Voltage Regulators
logo
Maxim Integrated Produc...
MAX723 MAXIM-MAX723 Datasheet
555Kb / 16P
   PALMTOP COMPUTER AND LCD POWER SUPPLY REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com