Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-CBP004V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-CBP004V1
Descripción Electrónicos  1 IR sensor for remote control operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CBP004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CBP004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CBP004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CBP004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CBP004V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 1
1/4
4
STEVAL-CBP004V1
Front panel display demonstration board
based on the STFPC311 and ST72264G2
Features
16-segment, 1-digit customized VFD for DVD
recorders
12 front panel keys
3 LEDs (red for standby, blue for IR and green
for mute)
1 IR sensor for remote control operation
Buzzer for mute feature demonstration
On-board real-time clock (RTC) to set the timer
and alarm for standby
Power supply connector for four power
supplies (3.3 V, 12 V, -30 V and GND)
Standby management for low power operation
Auto wakeup from system standby
Embedded in-circuit programming capability
Description
This front panel demonstration board is based on
the STFPC311 front panel controller and
microcontroller ST72F264 as the SPI master. The
basic idea is to develop a front panel for DVD
recorders which is very close to the available
solutions in the market while displaying the
capabilities of ST's front panel controller/driver
STFPC311 to fit the market segment of front
panel of DVD players, DVD recorders, VCR, home
theater systems with clock feature, HTiB (home
theater in a box), personal video recorders
(PVRs), set-top boxes and other applications that
require a compact, integrated solution, keeping
the system cost as low as possible.
The system design focus is in the key areas of
standby management feature for low power
consumption. The system can operate using front
panel keys or remote control
STEVAL-CBP004V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - STEVAL-CBP004V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-CBP001V2 STMICROELECTRONICS-STEVAL-CBP001V2 Datasheet
103Kb / 4P
   1 infrared connector for remote control
STEVAL-CBP002V1 STMICROELECTRONICS-STEVAL-CBP002V1 Datasheet
137Kb / 5P
   Buzzer on the board for mute feature demonstration
STEVAL-CBP003V1 STMICROELECTRONICS-STEVAL-CBP003V1 Datasheet
149Kb / 4P
   8-segment, 6-digit customized LED display
STEVAL-CBP005V1 STMICROELECTRONICS-STEVAL-CBP005V1 Datasheet
125Kb / 4P
   1 reset button on rear
STEVAL-CBP006V1 STMICROELECTRONICS-STEVAL-CBP006V1 Datasheet
150Kb / 4P
   UniPower front panel and standby power management controller for STB, TV sets and other consumer devices
More results

Descripción similar - STEVAL-CBP004V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSMP4138 VISHAY-TSMP4138 Datasheet
96Kb / 4P
   IR Sensor Module for Remote Control Systems
Rev. 1.3, 05-Feb-14
TSMP58138 VISHAY-TSMP58138 Datasheet
112Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.2, 05-Feb-14
TSMP6000 VISHAY-TSMP6000 Datasheet
609Kb / 24P
   IR Sensor Module for Remote Control Systems
Rev. 1.5, 14-Apr-16
TSMP77000 VISHAY-TSMP77000 Datasheet
258Kb / 10P
   IR Sensor Module for Remote Control Systems
Rev. 1.6, 14-Apr-16
TSMP1138 VISHAY-TSMP1138 Datasheet
115Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.1, 08-Jan-13
TSMP58000 VISHAY-TSMP58000 Datasheet
109Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.0, 14-Mar-12
TSOP98200 VISHAY-TSOP98200 Datasheet
106Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.4, 21-Feb-12
TSMP98000 VISHAY-TSMP98000_V01 Datasheet
165Kb / 5P
   IR Sensor Module for Remote Control Systems
01-Jan-2023
TSMP98100 VISHAY-TSMP98100 Datasheet
174Kb / 5P
   IR Sensor Module for Remote Control Systems
01-Jan-2023
TSOP98260 VISHAY-TSOP98260 Datasheet
105Kb / 5P
   IR Sensor Module for Remote Control Systems
Rev. 1.4, 28-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com