Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-CCH003V2 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-CCH003V2
Descripción Electrónicos  HDMI interface evaluation kit based on the HDMI2C1-14HD (main board plus daughter board)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCH003V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CCH003V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCH003V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCH003V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCH003V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
November 2016
DocID029685 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-CCH003V2
HDMI interface evaluation kit based on the HDMI2C1-14HD
(main board plus daughter board)
Data brief
Features
Interface between any HDMI source
equipment (transmitter) and an HDMI sink
(receiver) through an HDMI cable
HDMI™ 2.0 (4K / 2K 60 fps) compliant from
-40 to 85 °C
Fully integrated ESD protection
RoHS compliant
Description
The STEVAL-CCH003V2 evaluation kit
demonstrates how the HDMI2Cx-14HD series
can be a simple and fast means to reach full
compliance with stringent HDMI™ 1.4 standards.
This evaluation kit is made up of a main board
which can accept an optional daughter board
through dedicated connectors.
It provides easy access to all HDMI control stage
signals and the main board power supplies (+5 V
of the DDC bus, +3.3 V of the CEC bus, and VDD
of the ASIC HDMI).
The main board can be used in a standalone
configuration as a plug and play board to show
the interface is working properly. It can also be
used to demonstrate the capability of the
HDMI2C1-14HD device to drive cables with a
high capacitance load (poor quality or long HDMI
cable).
Finally, it can be used to evaluate power
consumption in various operating configurations
(e.g., transmitter in standby mode, various ASIC
power supply voltage values and ruggedness
against external stresses).


Número de pieza similar - STEVAL-CCH003V2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-CCH002V2 STMICROELECTRONICS-STEVAL-CCH002V2 Datasheet
227Kb / 9P
   HDMI and video switches demonstration board
More results

Descripción similar - STEVAL-CCH003V2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PMC-Sierra, Inc
PM4541 PMC-PM4541 Datasheet
520Kb / 46P
   T1XC EVALUATION DAUGHTER BOARD
logo
Maxim Integrated Produc...
MAX11612EVSYS MAXIM-MAX11612EVSYS Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
MAX44006EVSYS MAXIM-MAX44006EVSYS Datasheet
1Mb / 25P
   Daughter Board Powered by the EV Kit
19-6598; Rev 0; 2/13
logo
STMicroelectronics
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
   Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
   APWLink USB interface board based on the STA120D
logo
Microchip Technology
AC164136-4 MICROCHIP-AC164136-4 Datasheet
79Kb / 1P
   The Wi-Fi PICtail/PICtail Plus Daughter Board
8/4/2010
logo
STMicroelectronics
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
   White LED controller evaluation board based on the STLD40D
October 2008 Rev 1
logo
Silicon Laboratories
SI88241ED-IS SILABS-SI88241ED-IS Datasheet
220Kb / 7P
   installed on the evaluation board
SI88621ED-IS SILABS-SI88621ED-IS Datasheet
579Kb / 11P
   installed on the evaluation board
logo
STMicroelectronics
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com