Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-CCM001V1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-CCM001V1
Descripción Electrónicos  Digital photo frame demonstration board based on the STM32F103RB microcontroller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCM001V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CCM001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCM001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCM001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCM001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-CCM001V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2008
Rev 1
1/5
5
STEVAL-CCM001V1
Digital photo frame demonstration board
based on the STM32F103RB microcontroller
Features
320 x 240 resolution TFT (2.4" diagonally)
interfaced through SPI2
Micro SD card interfaced through SPI1
Mini USB type-B connector
On-board power supply for DPF
LED power indicator
Rechargeable battery circuit available
On-board JTAG connector for firmware
upgrade and changes
Additional ESD protection device on USB
USB interface available for use of mass-
storage devices
Supports both 2-axis and 3-axis MEMS, used
for iPhone-like picture orientation
Push-button switches for reset and user
switching
Joystick control
Description
The STEVAL-CCM001V1 demonstration board is
a standalone digital photo frame application
designed using the STM32F103RB Cortex M3
microcontroller.
The digital photo frame is used to display digital
images in slideshow style. Unlike the static
display of traditional photo frames, the images in
the digital photo frame change automatically at
regular intervals which are set by the user.
The application is capable of managing JPEG
decompression with the 20 KB of RAM in the
STM32F103RB microprocessor. The FAT16 /
FAT32 system library is used for reading JPEG
images from the Micro SD card.
The STEVAL-CCM001V1 can be powered by an
external battery, as well as by a USB connector.
STEVAL-CCM001V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - STEVAL-CCM001V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
   Graphic panel demonstration board based on the STM32
More results

Descripción similar - STEVAL-CCM001V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
   Capacitive touch demonstration board based on the STMPE321
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
   Graphic panel demonstration board based on the STM32
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
   Two-layer demonstration board based on the STA333IS
STEVAL-ISF002V1 STMICROELECTRONICS-STEVAL-ISF002V1 Datasheet
171Kb / 4P
   1.4 kW digital PFC demonstration board based on the STW23NM60N and TD352
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
   16-bit PLC digital input card demonstration board based on the SCLT3
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com