Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ILL053V1 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STEVAL-ILL053V1
Descripción Electrónicos  RoHS compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL053V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ILL053V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL053V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL053V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL053V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ILL053V1
2/4
Doc ID 023798 Rev 1
1
Schematic diagram
Figure 1.
48 V - 130 W street lighting SMPS - wide range version with TS2431
VCC
VIN
VIN
VCC
VCC
48V@2.7A
GB6
85-305Vac
R41
4K7
R41
4K7
C12
2u2
C12
2u2
R14
390K
R14
390K
D9
LL4148
D9
LL4148
1
2
3
J1
MKDS 1,5/ 3-5,08
J1
MKDS 1,5/ 3-5,08
C9
10N
C9
10N
R6
1M0
R6
1M0
1N4007
1N4007
C25
470PF
C25
470PF
1
2
J2
MKDS 1,5/ 2-5,08
J2
MKDS 1,5/ 2-5,08
R44
N.M.
R44
N.M.
C36
N.M.
C36
N.M.
RX2
0R0
RX2
0R0
R38
2M2
R38
2M2
L2
2019.0002
L2
2019.0002
U5
TS2431AILT
U5
TS2431AILT
C33
10N
C33
10N
D16
LL4148
D16
LL4148
R11
4K7
R11
4K7
C24
4u7
C24
4u7
1
Q4
STD10NM60N
Q4
STD10NM60N
1
Q7
BC846C
Q7
BC846C
RX1
0R0
RX1
0R0
R25
82K
R25
82K
C31
220N
C31
220N
D19
LL4148
D19
LL4148
R16
39K
R16
39K
3
2
Q1
BC846C
Q1
BC846C
C35
220N
C35
220N
1
Q8
BC846C
Q8
BC846C
R33
0R39
R33
0R39
D5
LL4148
D5
LL4148
C32
220N
C32
220N
R10
1M2
R10
1M2
R57
100R
R57
100R
C40
10uF
C40
10uF
R4
1M2
R4
1M2
R45
220K
R45
220K
R15
39K
R15
39K
R7
2M0
R7
2M0
_
~
D3
GBU8J
_
~
D3
GBU8J
R55
470R
R55
470R
C4
470N-X2
C4
470N-X2
R56
N.M.
R56
N.M.
R50
10K
R50
10K
D12
STPS10150CG
D12
STPS10150CG
R22
39K
R22
39K
R47
220K
R47
220K
R17
0R0
R17
0R0
R39
51R
R39
51R
F1
FUSE T4A
F1
FUSE T4A
C27
220N
C27
220N
R36
4K7
R36
4K7
C30
10uF
C30
10uF
R12
2M0
R12
2M0
RV1
300Vac
RV1
300Vac
C5
5uF
C5
5uF
R19
0R0
R19
0R0
R13
120K
R13
120K
D7
BZV55-B15
D7
BZV55-B15
C10
1uF
C10
1uF
1
Q5
STD10NM60N
Q5
STD10NM60N
HS1
HEAT-SINK
HS1
HEAT-SINK
R26
15K
R26
15K
C2
470N-X2
C2
470N-X2
D18
LL4148
D18
LL4148
R62
100K
R62
100K
R3
10R
R3
10R
R8
120K
R8
120K
C7
5uF
C7
5uF
R20
120K
R20
120K
R34
0R39
R34
0R39
L3
3.3uH-4.7A
L3
3.3uH-4.7A
R58
150K
R58
150K
C11
470N
C11
470N
R5
120K
R5
120K
R42
10K
R42
10K
C13
10uF
C13
10uF
R24
1M4
R24
1M4
C41
N.M.
C41
N.M.
1
Q3
N.M.
Q3
N.M.
2
7
6
4
9
10
14
8
11
12
13
T1
1860.0013
T1
1860.0013
Z1
PCB REV. 0.2
Z1
PCB REV. 0.2
D21
BZV55-B24
D21
BZV55-B24
R59
1R5
R59
1R5
D2
STTH3L06U
D2
STTH3L06U
R37
6K8
R37
6K8
R32
270K
R32
270K
C3
470N-X2
C3
470N-X2
R9
1M5
R9
1M5
I.sense
1
GND
2
Vctrl
3
Ictrl
4
OUT
5
VCC
6
U4
SEA05 - N.M.
U4
SEA05 - N.M.
D11
STPS10150CG
D11
STPS10150CG
C20
15N
C20
15N
D20
STPS1L60A
D20
STPS1L60A
D22
BZV55-B24
D22
BZV55-B24
C37
N.M.
C37
N.M.
R21
33R
R21
33R
C22
100N
C22
100N
C39
470N
C39
470N
D13
LL4148
D13
LL4148
C21
220N
C21
220N
R60
8K2
R60
8K2
R61
N.M.
R61
N.M.
D24
LL4148
D24
LL4148
R27
470R
R27
470R
D17
BZV55-B24
D17
BZV55-B24
C34
220PF
C34
220PF
R23
100R
R23
100R
1
Q2
STF22NM60N
Q2
STF22NM60N
D6
LL4148
D6
LL4148
R2
1M0
R2
1M0
11
3
9
5
L1
1975.0001
L1
1975.0001
INV
1
COMP
2
MULT
3
CS
4
ZCD
5
GND
6
GD
7
VCC
8
U1
L6562AT
U1
L6562AT
R1
N.M.
R1
N.M.
R31
0R0
R31
0R0
R18
56K
R18
56K
R54
2K2
R54
2K2
R30
0R0
R30
0R0
C8
2N2-Y1
C8
2N2-Y1
C19
100N
C19
100N
R43
10K
R43
10K
U3
SFH617A-2X009
U3
SFH617A-2X009
3
2
Q6
BC846C
Q6
BC846C
C38
N.M.
C38
N.M.
C15
4N7
C15
4N7
C26
4N7
C26
4N7
D14
LL4148
D14
LL4148
D4
LL4148
D4
LL4148
R53
100R
R53
100R
C1
2N2-Y1
C1
2N2-Y1
R29
N.M.
R29
N.M.
C16
220PF
C16
220PF
R46
51R
R46
51R
C17
4u7
C17
4u7
R51
N.M.
R51
N.M.
C6
5uF
C6
5uF
D15
BZV55-B24
D15
BZV55-B24
D23/JPX9
JUMPER
D23/JPX9
JUMPER
CSS
1
DELAY
2
CF
3
RFMIN
4
STBY
5
ISEN
6
LINE
7
GND
10
LVG
11
VCC
12
NC
13
OUT
14
HVG
15
VBOOT
16
DIS
8
PFC-STOP
9
U2
L6599AT
U2
L6599AT
R52
10R
R52
10R
D8
LL4148
D8
LL4148
R49
0R0
R49
0R0
C18
4u7
C18
4u7
D10
N.M.
D10
N.M.


Número de pieza similar - STEVAL-ILL053V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
   3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
May 2016 Rev 2
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
   Internal current limiting
May 2016 Rev 2
STEVAL-ILL052V1 STMICROELECTRONICS-STEVAL-ILL052V1 Datasheet
84Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
   Internal current limiting
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
   Internal current limiting
More results

Descripción similar - STEVAL-ILL053V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com