Nombre de pieza
         Descripción
IN74ALS240A

 OCTAL BUFFER / DRIVER WITH 3-STATE OUTPUTS ( 3 Page)


INTEGRAL
100% 
Zoom Out Zoom In
   
 3 page
background image
IN74ALS240A
3
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-
AIR TEMPERATURE RANGE
Parameter
Test Conditions
MIN
TYP** MAX UNIT
VIK
VCC = 4.5V
II = -18mA
-1.2
V
VCC = 4.5V to 5.5V
IOH = -0.4mA
VCC-2
V
VOH
VCC = 4.5V
IOH = -3mA
2.4
3.2
V
IOH = -15mA
2
VOL
VCC = 4.5V
IOL= 12 mA
0.25
0.4
IOL = 24 mA
0.35
0.5
V
IOL = 48 mA*
0.35
0.5
IOZH
VCC = 5.5V
VO= 2.7V
20
µA
IOZL
VCC = 5.5V
VO= 0.4V
-20
µA
II
VCC = 5.5V
VI = 7V
0.1
mA
IIH
VCC = 5.5V
VI = 2.7V
20
µA
IIL
VCC = 5.5V
VI = 0.4V
-0.1
m
Α
IO***
VCC = 5.5V
VO= 2.25V
-30
-112
m
Α
Output high4
11
ICC
VCC = 5.5V
Outputs low
13
23
m
Α
Outputs disabled
14
25
*- Applies only to the -1 version and only if VCC is between 4.75V and 5.25V
**- All typical values are at VCC=5V, TA=25
oC
***- The output conditions have been chosen to produce a current that closely approximates one half of the true
short-circuit output current, IOS
SWITCHING CHARACTERISTICS
Parameter
From (input)
To (output)
VCC = 4.5 V to 5.5 V
CL = 50 pF
R1= 500
R2= 500
TA = MIN to MAX*
UNIT
MIN
MAX
tPLH
A
Y
2
9
ns
tPHL
2
9
tPZH
OE
Y
5
13
ns
tPZL
5
18
tPHZ
OE
Y
2
10
ns
tPLZ
3
12
*- For conditions shown as MIN and MAX, use the appropriate value specified under recommended operating
conditions
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SN54LS540OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 Motorola, Inc
SN74LVC2244AOCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ABT240Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74AC244Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ244Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VHCT244AOctal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
DS244Octal Buffer/Line Driver with 3-State Outputs 1 2 3 4 5 MoreON Semiconductor
74LVC541AOctal buffer/line driver with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN74LVC240AOCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ABT241Octal Buffer/Line Driver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl