Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPAT1515 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

No. de pieza TPAT1515
Descripción Electrónicos  1W 3KVDC Isolated Dual Output SMD DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPPOWER [Toppower Electronic Technology Limited]
Página de inicio  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT1515 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPAT1515 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT1515 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT1515 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT1515 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPAT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
10 PIN SMD
Pin
Function
Add suffix “X” function
1
-Vin
-Vin
3
+Vin
+Vin
5
NA
No Pin
7
OV
OV
9
-Vout
-Vout
10
NA
No Pin
12
+Vout
+Vout
14
NA
No Pin
16
NA
No Pin
18
NA
NA
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in mm±0.5mm.
Tube length: 475mm±2.0mm
Tube Quantity: 25PCS
SMD Package
All dimensions in mm ±0.25mm. All pins on a 2.54 pitch.
Weight: 1.53g
NA - Not available for electrical connection.
( Magnification of A )
S SEATING PLANE
0.15 S
16.24
10.16
8.00 11.00±0.2
3.04
2.54
0.60
0.25
7.00±0.5
11.00
5.50
5.50
1.50±0.1
0.25
TPAT0505
YYWW
13
57 9
18 16 14 12 10
TOPPOWER
11.60
1.00
1.60
10.16
2.54
0.60MAX
16.00
6.60
11.60
2.00
4.00
1.50
+0.10
-0.00
1.75
14.20
32.00±0.30
13.20
330MAX
13.00±0.25
38.4MAX
32.0
100.00MIN
0.60± 0.15
10.40
3.80
14.95
5.3
TOPPOWER


Número de pieza similar - TPAT1515

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPAT1515 TOPPOWER-TPAT1515 Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1515-2W TOPPOWER-TPAT1515-2W Datasheet
1Mb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1515-2W TOPPOWER-TPAT1515-2W Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1515-W2 TOPPOWER-TPAT1515-W2 Datasheet
726Kb / 4P
   0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
TPAT1515-W5 TOPPOWER-TPAT1515-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Descripción similar - TPAT1515

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V01 Datasheet
786Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPTV TOPPOWER-TPTV Datasheet
680Kb / 4P
   1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
logo
Murata Manufacturing Co...
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NTV CANDD-NTV Datasheet
367Kb / 2P
   3kVDC Isolated 1W Dual Output SM DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com