Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7447714022 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7447714022
Descripción Electrónicos  WE-PD SMD Shielded Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447714022 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447714022_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714022_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714022_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714022_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714022_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447714022_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.3
2.2
2.1
2.0
1.2
1.1
1.0
REV
2015-05-18
2014-06-16
2014-01-09
2013-12-05
2013-04-25
2013-02-20
2011-02-17
DATE
SSt
SSt
SSt
SSt
SSt
SSt
ALa
BY
ALa
SSt
SSt
ALa
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD SMD Shielded Power Inductor
Order.- No.
7447714022
SIZE
A4
Size: 1050
A Dimensions: [mm]
Component Marking:
Reference on drawing
Marking
Description
Start of winding
2R2 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 1 mA
∆T = 40 K
|ΔL/L| < 10%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
2.2
8.6
9.5
0.0068
0.0080
53
Unit
µH
A
A
Ω
Ω
MHz
Tol.
±30%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7447714022_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447714022 WURTH-7447714022 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1050
More results

Descripción similar - 7447714022_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447709681 WURTH-7447709681_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447713150 WURTH-7447713150_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447786002 WURTH-7447786002_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
744770168 WURTH-744770168_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447709221 WURTH-7447709221_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447779168 WURTH-7447779168_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
744770112 WURTH-744770112_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
74477125 WURTH-74477125_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447789133 WURTH-7447789133_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
744770256 WURTH-744770256_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447789233 WURTH-7447789233_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com