Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7447798181 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7447798181
Descripción Electrónicos  WE-PDF SMD Shielded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447798181 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447798181_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798181_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798181_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798181_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798181_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798181_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798181_15 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2.6
2.5
2.4
2.3
2.2
2.1
2.0
REV
2015-05-19
2014-06-23
2014-03-26
2013-12-17
2013-04-25
2013-02-20
2011-08-30
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SvS
BY
ALa
SSt
SSt
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PDF SMD Shielded Power Inductor
Order.- No.
7447798181
SIZE
A4
Size: 1064
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins or
termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-PDF
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 7447798181_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447798181 WURTH-7447798181 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
More results

Descripción similar - 7447798181_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7447797250 WURTH-7447797250_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447797180 WURTH-7447797180_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447798250 WURTH-7447798250_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447798131 WURTH-7447798131_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447797470 WURTH-7447797470_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
74438324015 WURTH-74438324015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324056 WURTH-74438324056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324068 WURTH-74438324068 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383240056 WURTH-744383240056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383430068 WURTH-744383430068 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com