Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGD1100LT1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza STGD1100LT1G
Descripción Electrónicos  Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STGD1100LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  STGD1100LT1G Datasheet HTML 1Page - ON Semiconductor STGD1100LT1G Datasheet HTML 2Page - ON Semiconductor STGD1100LT1G Datasheet HTML 3Page - ON Semiconductor STGD1100LT1G Datasheet HTML 4Page - ON Semiconductor STGD1100LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTGD1100L, STGD1100L
www.onsemi.com
2
THERMAL RESISTANCE RATINGS
Rating
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 2)
RmJA
150
°C/W
Junction−to−Foot – Steady State (Note 2)
RmJF
50
2. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Q2 Drain−to−Source Breakdown Voltage
VIN
VGS2 = 0 V, ID2 = −250 mA
8.0
V
Forward Leakage Current
IFL
VGS1 = 0 V,
VDS1 = 8.0 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Q2 Gate−to−Source Leakage Current
IGSS
VDS2 = 0 V, VGS2 = ±8.0 V
±100
nA
Q2 Diode Forward On−Voltage
VSD
IS = −1.0 A, VGS2 = 0 V
−0.7
−1.0
V
ON CHARACTERISTICS
Voltage ON/OFF
VON/OFF
1.5
8.0
V
Q1 Gate Threshold Voltage
VGS1
VGS1 = VDS1, ID = 50 mA
0.6
1.2
V
Input Voltage
VIN
VGS2 = VDS2, ID = 250 mA
1.8
8.0
V
Q2 Drain−to−Source On Resistance
RDS(on)
VON/OFF = 1.5 V,
IL = 1.0 A
VIN = 4.5 V
40
55
m
W
VIN = 2.5 V
55
70
VIN = 1.8 V
80
140
Load Current
IL
VDROP ≤ 0.2 V, VIN = 5.0 V,
VON/OFF = 1.5 V
1.0
A
VDROP ≤ 0.2 V, VIN = 2.5 V,
VON/OFF = 1.5 V
1.0
VDROP ≤ 0.2 V, VIN = 1.8 V,
VON/OFF = 1.5 V
1.0
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1
2,3
5
6
Figure 1. Load Switch Application
4
Q2
Q1
6
C1
CO
CI
R1
R2
R2
ON/OFF
VIN
VOUT
LOAD
GND
Components
Description
Values
R1
Pullup Resistor
Typical 10 k
W to 1.0 MW
R2
Optional Slew−Rate Control
Typical 0 to 100 k
W
C0
Output Capacitance
Usually < 1.0
mF
C1
Optional In−Rush Current Control
Typical
≤ 1000 pF


Número de pieza similar - STGD1100LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGD10HF60KD STMICROELECTRONICS-STGD10HF60KD Datasheet
760Kb / 21P
   Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
   N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGD10NC60K STMICROELECTRONICS-STGD10NC60K Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
More results

Descripción similar - STGD1100LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com