Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA3016D Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza KA3016D
Descripción Electrónicos  SPINDLE MOTOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3016D Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA3016D Datasheet HTML 1Page - Fairchild Semiconductor KA3016D Datasheet HTML 2Page - Fairchild Semiconductor KA3016D Datasheet HTML 3Page - Fairchild Semiconductor KA3016D Datasheet HTML 4Page - Fairchild Semiconductor KA3016D Datasheet HTML 5Page - Fairchild Semiconductor KA3016D Datasheet HTML 6Page - Fairchild Semiconductor KA3016D Datasheet HTML 7Page - Fairchild Semiconductor KA3016D Datasheet HTML 8Page - Fairchild Semiconductor KA3016D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CD-ROM PRODUCTS
KA3016D
5
MIC-99D001
January 1999
ELECTRICAL CHARATERISTICS
(Unless otherwise specified, Ta=25
°C, V
CC=5V, VM=12V)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Quiescent circuit current
ICC
2
5
8
mA
START / STOP
On voltage range
VSSON
Output drive on
2.5
VCC
V
Off voltage range
VSSOFF
Output driver off
0.0
1.0
V
HALL BIAS
Hall bias voltage
VHB
IHB=20mA
0.4
1.0
1.8
V
HALL AMP
Hall bias current
IHA
0.5
2
µA
Common mode input range
VHAR
1.5
4.0
V
Minimum input level
VINH
100
mVpp
TORQUE CONTROL
ECR input voltage range
ECR
0.2
4.0
V
EC input voltage range
EC
0.2
4.0
V
Offset voltage (–)
ECOFF–
EC=2.5V
−80
−50
−20
mV
Offset voltage (+)
ECOFF+
EC=2.5V
20
50
80
mV
EC input current
ECIN
EC=2.5V
−5
0.5
5
µA
ECR input current
ECRIN
ECR=2.5V
−5
0.5
5
µA
In/output gain
GEC
ECR=2.5V, RCS=0.5Ω
0.41
0.51
0.61
A / V
FG
FG output voltage (H)
VFGH
IFG= –10µA
3.0
VCC
V
FG output voltage (L)
VFGI
IFG=10µA
0.5
V
Input voltage range
50
%
OUTPUT BLOCK
Saturation voltage (upper TR)
VOH
IO= –300mA
0.9
1.6
V
Saturation voltage (lower TR)
VOL
IO=300mA
0.2
0.6
V
Torque limit current
ITL
RCS=0.5Ω
560
700
840
mA
DIRECTION DETECTOR
Dir output voltage (H)
VDIRH
IFG=–10µA
3.0
VCC
V
Dir output voltage (L)
VDIRL
IFG=10µA
0.5
V


Número de pieza similar - KA3016D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
More results

Descripción similar - KA3016D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
logo
Sanyo Semicon Device
LB1913 SANYO-LB1913 Datasheet
90Kb / 6P
   FDD Spindle Motor Driver
LB1817M SANYO-LB1817M Datasheet
164Kb / 9P
   FDD Spindle Motor Driver
logo
Rohm
BA6477FS ROHM-BA6477FS Datasheet
170Kb / 12P
   FDD spindle motor driver
logo
Sanyo Semicon Device
LB1910 SANYO-LB1910 Datasheet
111Kb / 7P
   FDD Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com