Nombre de pieza
         Descripción
LM78LXX

 3-Terminal Positive Regulators ( 14 Page)


NSC
100% 
Zoom Out Zoom In
 6 page
background image
LM78LXX Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, Bold typeface
applies over 0˚C to 125˚C for SO-8 and TO-92 packages, and −40˚C to 85˚C for micro SMD package. Limits are
guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Unless
otherwise specified: I
O = 40mA, CI = 0.33µF, CO = 0.1µF. (Continued)
LM78L12AC (Continued)
Unless otherwise specified, V
IN = 19V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
13.7
14.5
V
LM78L15AC
Unless otherwise specified, V
IN = 23V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
14.4
15.0
15.6
V
17.5V
≤ V
IN
≤ 30V
1mA
≤ I
O
≤ 40mA
14.25
15.75
1mA
≤ I
O
≤ 70mA
14.25
15.75
∆V
O
Line Regulation
17.5V
≤ V
IN
≤ 30V
37
250
mV
20V
≤ V
IN
≤ 30V
25
140
∆V
O
Load Regulation
1mA
≤ I
O
≤ 100mA
35
150
1mA
≤ I
O
≤ 40mA
12
75
I
Q
Quiescent Current
3
5
mA
∆I
Q
Quiescent Current Change
20V
≤ V
IN
≤ 30V
1
1mA
≤ I
O
≤ 40mA
0.1
V
n
Output Noise Voltage
90
µV
Ripple Rejection
f = 120 Hz
18.5V
≤ V
IN
≤ 28.5V
37
51
dB
I
PK
Peak Output Current
140
mA
Average Output Voltage Tempco
I
O = 5mA
−1.3
mV/˚C
V
IN (Min)
Minimum Value of Input Voltage
Required to Maintain Line Regulation
16.7
17.5
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
outside of its stated operating conditions.
Note 2: Human body model, 1.5 k
Ω in series with 100pF.
Note 3: Power dissipation
≤ 0.75W.
Note 4: Recommended minimum load capacitance of 0.01µF to limit high frequency noise.
Note 5: Typical thermal resistance values for the packages are:
Z Package:
θJC = 60 ˚C/W, = θJA = 230 ˚C/W
M Package:
θJA = 180 ˚C/W
micro SMD Package:
θJA = 230.9˚C/W
www.national.com
6
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
UTC78LXX3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7800CSeries 3-Terminal Positive Regulators 1 2 3 4 5 MoreNational Semiconductor
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
LM140L3-Terminal Positive Regulators 1 2 3 4 5 MoreNational Semiconductor
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
AZ78XX3-TERMINAL POSITIVE LINEAR REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl